Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632-BAE/MC Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1632-BAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MC Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1632-BAE/MC Datasheet HTML 7Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 8Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 9Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 10Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 11Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 12Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 13Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 14Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 11
MCP1632
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Error Amplifier Output (COMP)
COMP is the internal error amplifier output pin. External
compensation is connected from the FB pin to the
COMP pin for control-loop stabilization. Type II or III
compensation networks must be used depending on
the application. An internal voltage clamp is used to
limit the maximum COMP pin voltage to 2.7V (typical).
This clamp is used to set the maximum peak current in
the power system switch by setting a maximum limit on
the CS input for Peak Current Mode control systems.
3.2
Error Amplifier Inverting Input
(FB)
FB is the internal error amplifier inverting input pin. The
output (voltage or current) is sensed and fed back to
the FB pin for regulation. Inverting or negative
feedback is used.
3.3
Current Sense Input (CS)
This is the input for the switch current used for Peak
Current Mode control. A blanking period of 100 ns
(typical) for CS signal is provided to avoid leading edge
spikes that can cause false PWM reset. The normal
PWM duty cycle will be terminated when the voltage on
the CS pin (including the slope compensation ramp) is
equal to the output of the error amplifier divided by 3.
For Current Mode operation, the CS pin will control the
PWM output on a cycle-by-cycle basis. The internal
error amplifier output is clamped to 2.7V (nominal) and
divided by 3, so the maximum voltage of the CS pin is
0.9V. By limiting the inverting pin of the high-speed
comparator to 0.9V, a current sense limit is established
for all input bias voltage conditions (cycle-by-cycle
overcurrent protection). To avoid the instability of the
Peak Current Mode control when the duty cycle is
higher than 50%, a slope compensation ramp
generator is internally provided. This circuit will add to
the CS signal an artificially generated ramp to avoid
sub-harmonic oscillations. The amplitude of the slope
compensation ramp is adjustable with one external
resistor.
If this pin is left open, the PWM Controller will operate
in Voltage Mode Control. In this mode, the external
switching MOSFET transistor is not protected against
overcurrent conditions. Certain limitations related to the
stability of the closed-loop system must be taken into
account by the designer when the part operates in
Voltage
Mode
Control.
Refer
to
Section 5.2
“Operation in Voltage Mode Control”
for details
about the operation in Voltage Mode Control.
3.4
Enable Input (EN)
When this pin is connected to GND (logic “Low”) for
more than 50 µs (typical), the chip will go into
Shutdown state. A logic “High” enables the normal
operation of the MCP1632 device. When the device is
disabled, the VEXT output is held low. Do not let the EN
pin float. If not used, connect EN to VIN through a 10 k
resistor.
3.5
Circuit Ground (GND)
Connect the circuit ground to the GND pin. For most
applications, this should be connected to the analog
(quiet) ground plane. Effort should be made to
minimize the noise on this ground, as it can adversely
affect the cycle-by-cycle comparison between the CS
input and the error amplifier output.
3.6
External Driver Output (VEXT)
VEXT is the internal MOSFET driver output pin, used to
drive the external transistor. For high-power or high-side
drives, this output should be connected to the logic-level
input of an appropriate MOSFET driver. For low-power,
low-side applications, the VEXT pin can be used to
directly drive the gate of an N-channel MOSFET.
TABLE 3-1:
PIN FUNCTION TABLE
DFN/MSOP
Name
Function
1
COMP
Error Amplifier Output
2
FB
Error Amplifier Inverting Input
3
CS
Current Sense Input
4
EN
Enable Input
5
GND
Circuit Ground
6VEXT
External Driver Output
7VIN
Input Bias
8VREF
Reference Voltage Input/Internal Constant Current Generator Output
9
EP
Exposed Thermal Pad (EP); must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com