Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632-BAE/MC Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1632-BAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MC Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1632-BAE/MC Datasheet HTML 15Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 16Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 17Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 18Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 19Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 20Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 21Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 22Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
A typical charger application for one- or two-cell Li-Ion batteries is presented in
Figure 5-3. The PIC microcontroller handles all the necessary functions of the
charger and the MCP1632 device controls the power train. Using the SEPIC
converter allows developing a universal charger where the input voltage can be
higher or lower than the battery voltage. The microcontroller can control the
reference voltage across certain limits using its internal high-frequency PWM
generator and the external circuit consisting of D2 and R1.
This circuit can be replaced with a digital-to-analog converter (DAC) for a better
range and accuracy of the reference voltage control. The charging current is
monitored using a low-side shunt (RS) and an inverting amplifier. The floating
voltage of the charger is controlled by MCP1632 and can be adjusted by varying
the value of the RVREF resistor or the ratio of the feedback divider (R5, R6).
Additional protection features can be implemented in the microcontroller’s
firmware.
FIGURE 5-3:
Battery Charger Circuit.
MCP1632
RVREF
CSS
VIN
VREF
COMP
EN
FB
CS
VEXT
GND
VIN
LDO
Q1
RSENSE
RSLOPE
L1A
D1
+
-
CIN
COUT
L1B
RS
R1
CC
C1
C2
C3
R2
R3
Battery
PIC
Micro
-
+
VSENSE
CSENSE
VSENSE
Status
AN1
AN2
PWM
I/O
I/O
VCC
D2
R4
R5
R6
R7
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com