Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5212
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5212 Datasheet HTML 1Page - ON Semiconductor CS5212 Datasheet HTML 2Page - ON Semiconductor CS5212 Datasheet HTML 3Page - ON Semiconductor CS5212 Datasheet HTML 4Page - ON Semiconductor CS5212 Datasheet HTML 5Page - ON Semiconductor CS5212 Datasheet HTML 6Page - ON Semiconductor CS5212 Datasheet HTML 7Page - ON Semiconductor CS5212 Datasheet HTML 8Page - ON Semiconductor CS5212 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
May, 2002 – Rev. 2
1
Publication Order Number:
CS5212/D
CS5212
Low Voltage Synchronous
Buck Controller
The CS5212 is a low voltage synchronous buck controller. It
contains all required circuitry for a synchronous buck converter using
external N–Channel MOSFETs. High current internal gate drivers are
capable of driving high gate capacitance of low RDS(on) NFETs for
better efficiency. The V2
™ control architecture is used to achieve
unmatched transient response, the best overall regulation and the
simplest loop compensation.
Additionally, the CS5212 provides overcurrent protection,
undervoltage lockout, soft start, built–in adaptive non–overlap, and an
adjustable fixed frequency range of 150 kHz to 750 kHz, which gives
the designer more flexibility to make efficiency and component size
trade offs. The CS5212 will also operate over a 3.1 V to 7.0 V range
using either single or dual input voltage.
Features
• Switching Regulator Controller
– N–Channel Synchronous Buck Design
– V2 Control Topology
– 200 ns Transient Response
– Programmable Fixed Frequency of 150 kHz–750 kHz
– 1.0 V 1.5% Internal Reference
– Lossless Inductor Sensing Overcurrent Protection
– Hiccup Mode Short Circuit Protection
– Programmable Soft Start
– 40 ns GATE Rise and Fall Times (3.3 nF Load)
– 70 ns Adaptive FET Nonoverlap Time
– Differential Remote Sense Capability
– Available in Industrial and Commerical Temperature Grades
• System Power Management
– 3.3 V Operation
– Undervoltage Lockout
– On/Off Control Through Use of the COMP Pin
MARKING
DIAGRAM
x
= E or G
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
1
GATE(L)
PGND
SGND
VFB
GATE(H)
IS+
IS–
ROSC
VCC
PIN CONNECTIONS
VC
BST
LGND
VFFB
COMP
SOIC–14
D SUFFIX
CASE 751A
1
14
CS5212x
AWLYWW
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - CS5212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5212ED14 ONSEMI-CS5212ED14 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5212ED14G ONSEMI-CS5212ED14G Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5212EDR14 ONSEMI-CS5212EDR14 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5212EDR14G ONSEMI-CS5212EDR14G Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
More results

Similar Description - CS5212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com