Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5212
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5212 Datasheet HTML 1Page - ON Semiconductor CS5212 Datasheet HTML 2Page - ON Semiconductor CS5212 Datasheet HTML 3Page - ON Semiconductor CS5212 Datasheet HTML 4Page - ON Semiconductor CS5212 Datasheet HTML 5Page - ON Semiconductor CS5212 Datasheet HTML 6Page - ON Semiconductor CS5212 Datasheet HTML 7Page - ON Semiconductor CS5212 Datasheet HTML 8Page - ON Semiconductor CS5212 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS5212
http://onsemi.com
2
C16
0.1
µF
GATE(H)
BST
LGND
VFFB
VFB
COMP
SGND
PGND
GATE(L)
VC
IS+
IS–
VCC
ROSC
CS5212
U1
GN2
GND
R8
10
C2
0.1
µF
TP4
COMP
TP5
BST
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C11
0.1
µF
R1
51 k
C1
0.47
µF
R9
10
C19
1.0
µF
Q2
Q1
TP3
GATE(L)
TP2
GATE(H)
TP1
SWNODE
VIN
3.3 V
D5
BAT54S
+
+
+
C6
C7
C8 100
µF/10 V × 3
R5
4.7 k
R13
10
C15
470 pF
L1
2.9
µH
6.5 mR
ETQP6F2R9LB
VOUT
GND
C3
0.1
µF
R6
4.7 k
R2
10
TP6
SENSE+
TP7
SENSE–
R4
1.0 k 1%
C5
680 pF
R3
1.5 k 1%
R7
TBD*
D6
BAT54S
D2
BAT54S
C4
0.1
µF
C22
0.1
µF
*Refer to Rpullup Value Selection section for value needed.
+
C9
+
C10
100
µF/10 V
× 2
+
C20
+
C21
Figure 1. Application Diagram, 3.3 V to 1.5 V/8.0 A Converter with Differential Remote Sense
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
–65 to +150
°C
Package Thermal Resistance:
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
30
125
°C/W
°C/W
ESD Susceptibility:
Human Body Model
Machine Model
2.0
200
kV
V
JEDEC Moisture Sensitivity
1
–
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com