Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1416 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1416
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1416 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1416 Datasheet HTML 1Page - Microchip Technology MCP1416 Datasheet HTML 2Page - Microchip Technology MCP1416 Datasheet HTML 3Page - Microchip Technology MCP1416 Datasheet HTML 4Page - Microchip Technology MCP1416 Datasheet HTML 5Page - Microchip Technology MCP1416 Datasheet HTML 6Page - Microchip Technology MCP1416 Datasheet HTML 7Page - Microchip Technology MCP1416 Datasheet HTML 8Page - Microchip Technology MCP1416 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2008-2016 Microchip Technology Inc.
DS20002092G-page 1
MCP1415/16
Features
• High Peak Output Current: 1.5A (typical)
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• High Capacitive Load Drive Capability:
- 470 pF in 13 ns (typical)
- 1000 pF in 18 ns (typical)
• Short Delay Times: 44 ns (tD1), 47 ns (MCP1415
tD2), 54 ns (MCP1416 tD2) (typical)
• Low Supply Current:
- With Logic ‘1’ Input - 0.65 mA (typical)
- With Logic ‘0’ Input - 0.1 mA (typical)
• Latch-Up Protected: Withstands 500 mA Reverse
Current
• Logic Input Withstands Negative Swing up to 5V
• Space-Saving 5L SOT-23 Package
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Level Translator
• Motor and Solenoid Drive
General Description
The MCP1415/16 devices are high-speed, dual
MOSFET drivers that are capable of providing up to
1.5A of peak current while operating from a single 4.5V
to 18V supply. The inverting or non-inverting single
channel output is directly controlled from either TTL or
CMOS (3V to 18V) logic. These devices also feature
low shoot-through current, matched rise and fall time,
and short propagation delays which make them ideal
for high switching frequency applications. They provide
low enough impedances in both the ‘On’ and ‘Off’
states to ensure the intended state of the MOSFET is
not affected, even by large transients.
These devices are highly latch-up resistant under any
condition within their power and voltage ratings. They
are not subject to damage when noise spiking (up to
5V, of either polarity) occurs on the Ground pin. They
can accept up to 500 mA of reverse current being
forced back into their outputs without damage or logic
upset. All terminals are fully protected against
electrostatic discharge (ESD) up to 2.0 kV (HBM) and
300V (MM).
Package Types
4
1
2
3
5
4
1
2
3
5
4
1
2
3
5
4
1
2
3
5
VDD
NC
IN
VDD
NC
IN
NC
IN
GND
NC
IN
GND
SOT-23-5
MCP1415
MCP1416
MCP1415R
MCP1416R
OUT
GND
OUT
GND
VDD
OUT
OUT
VDD
Tiny 1.5A, High-Speed Power MOSFET Driver


Similar Part No. - MCP1416

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1416 MICROCHIP-MCP1416 Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1416 MICROCHIP-MCP1416 Datasheet
583Kb / 17P
Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1416RT MICROCHIP-MCP1416RT Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1416RT-E MICROCHIP-MCP1416RT-E Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1416RT-E/OT MICROCHIP-MCP1416RT-E/OT Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
More results

Similar Description - MCP1416

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com