Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406-E/AT Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1406-E/AT
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/AT Datasheet(HTML) 5 Page - Microchip Technology

  MCP1406-E/AT Datasheet HTML 1Page - Microchip Technology MCP1406-E/AT Datasheet HTML 2Page - Microchip Technology MCP1406-E/AT Datasheet HTML 3Page - Microchip Technology MCP1406-E/AT Datasheet HTML 4Page - Microchip Technology MCP1406-E/AT Datasheet HTML 5Page - Microchip Technology MCP1406-E/AT Datasheet HTML 6Page - Microchip Technology MCP1406-E/AT Datasheet HTML 7Page - Microchip Technology MCP1406-E/AT Datasheet HTML 8Page - Microchip Technology MCP1406-E/AT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 5
MCP1406/07
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V
VDD18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
—
+10
µA
0V
VINVDD
Input Voltage
VIN
-5
—
VDD+0.3
V
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC TEST
Low Output Voltage
VOL
—
—
0.025
V
DC TEST
Output Resistance, High
ROH
—3.0
5.0
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—2.3
5.0
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—25
40
ns
Figure 4-1, Figure 4-2
CL = 2500 pF
Fall Time
tF
—25
40
ns
Figure 4-1, Figure 4-2
CL = 2500 pF
Delay Time
tD1
—50
65
ns
Figure 4-1, Figure 4-2
Delay Time
tD2
—50
65
ns
Figure 4-1, Figure 4-2
Power Supply
Supply Voltage
VDD
4.5
—
18.0
V
Power Supply Current
IS
—200
500
µA
VIN = 3V
—50
150
VIN = 0V
Note 1: Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com