Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406-E/AT Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1406-E/AT
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/AT Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1406-E/AT Datasheet HTML 6Page - Microchip Technology MCP1406-E/AT Datasheet HTML 7Page - Microchip Technology MCP1406-E/AT Datasheet HTML 8Page - Microchip Technology MCP1406-E/AT Datasheet HTML 9Page - Microchip Technology MCP1406-E/AT Datasheet HTML 10Page - Microchip Technology MCP1406-E/AT Datasheet HTML 11Page - Microchip Technology MCP1406-E/AT Datasheet HTML 12Page - Microchip Technology MCP1406-E/AT Datasheet HTML 13Page - Microchip Technology MCP1406-E/AT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP1406/07
DS20002019C-page 10
 2006-2016 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V VDD 18V.
FIGURE 2-19:
Output Resistance
(Output High) vs. Supply Voltage.
FIGURE 2-20:
Output Resistance
(Output Low) vs. Supply Voltage.
FIGURE 2-21:
Crossover Energy vs.
Supply Voltage.
1
2
3
4
5
6
7
4
6
8
10
12
14
16
18
Supply Voltage (V)
VIN = 2.5V (MCP1407)
VIN = 0V (MCP1406)
TJ = +125
oC
TJ = +25
oC
1
2
3
4
5
6
7
4
6
8
10
12
14
16
18
Supply Voltage (V)
VIN = 0V (MCP1407)
VIN = 2.5V (MCP1406)
TJ = +125
oC
TJ = +25
oC
1.00
10.00
100.00
4
6
8
10
12
14
16
18
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com