Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406T-E/AT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1406T-E/AT
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406T-E/AT Datasheet(HTML) 3 Page - Microchip Technology

  MCP1406T-E/AT Datasheet HTML 1Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 2Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 3Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 4Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 5Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 6Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 7Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 8Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 3
MCP1406/07
Functional Block Diagram(1)
Effective
Input C = 25 pF
MCP1406 Inverting
MCP1407 Non-Inverting
Input
GND
VDD
300 mV
4.7V
Inverting
Non-Inverting
Note 1: Unused inputs should be grounded.
130 µA
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com