Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406T-E/AT Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1406T-E/AT
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406T-E/AT Datasheet(HTML) 1 Page - Microchip Technology

  MCP1406T-E/AT Datasheet HTML 1Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 2Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 3Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 4Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 5Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 6Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 7Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 8Page - Microchip Technology MCP1406T-E/AT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 1
MCP1406/07
Features
• High Peak Output Current: 6.0A (typical)
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• Wide Input Supply Voltage Operating Range:
-4.5V to 18V
• High Capacitive Load Drive Capability:
- 2500 pF in 20 ns
- 6800 pF in 40 ns
• Short Delay Times: 40 ns (typical)
• Matched Rise/Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 130 µA (typical)
- With Logic ‘0’ Input – 35 µA (typical)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input Will Withstand Negative Swing up to 5V
• Pin compatible with the TC4420/TC4429 devices
• Space-saving 8-Pin SOIC, PDIP and
8-Pin 6 x 5 mm DFN Packages
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Motor and Solenoid Drive
General Description
The
MCP1406/07
devices
are
a
family
of
buffers/MOSFET drivers that feature a single-output
with 6A peak drive current capability, low shoot-through
current, matched rise/fall times and propagation delay
times. These devices are pin-compatible and are
improved versions of the TC4420/TC4429 MOSFET
drivers.
The MCP1406/07 MOSFET drivers can easily charge
and discharge 2500 pF gate capacitance in under
20 ns, provide low enough impedances (in both the ON
and OFF states) to ensure that intended state of the
MOSFETs will not be affected, even by large transients.
The input to the MCP1406/07 may be driven directly
from either TTL or CMOS (3V to 18V).
These devices are highly latch-up resistant under any
conditions that fall within their power and voltage
ratings. They are not subject to damage when up to 5V
of noise spiking (of either polarity) occurs on the ground
pin. All terminals are fully protected against
electrostatic discharge (ESD), up to 2.0 kV (HBM) and
400V (MM).
The MCP1406/07 single-output 6A MOSFET driver
family
is
offered
in
both
surface-mount
and
pin-through-hole packages with a -40°C to +125°C
temperature rating, making it useful in any wide
temperature range application.
6A High-Speed Power MOSFET Drivers


Similar Part No. - MCP1406T-E/AT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1406T-E/AT MICROCHIP-MCP1406T-E/AT Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
More results

Similar Description - MCP1406T-E/AT

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com