Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420M Datasheet (PDF) - Microchip Technology

TC4420M Datasheet PDF - Microchip Technology
Part # TC4420M
Download  TC4420M Download
File Size   206.62 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A High-Speed MOSFET Drivers

TC4420M Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4420M Datasheet PDF - Microchip Technology

Part # TC4420M
Download  TC4420M Click to download

File Size   206.62 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A High-Speed MOSFET Drivers

TC4420M Datasheet (HTML) - Microchip Technology


TC4420M Product details

General Description

The TC4420M/TC4429M are 6A (peak), single-output MOSFET drivers. The TC4429M is an inverting driver (pin-compatible with the TC429M), while the TC4420M is a non-inverting driver. These drivers are fabricated in CMOS for lower power and more efficient operation versus bipolar drivers.



Features

• Latch-Up Protected: Will Withstand >1.5A Reverse Output Current

• Logic Input: Will Withstand Negative Swing Up To 5V

• ESD Protected: 4 kV

• Matched Rise and Fall Times: - 25 ns (2500 pF load)

• High Peak Output Current: 6A

• Wide Input Supply Voltage Operating Range: - 4.5V to 18V

• High Capacitive Load Drive Capability: 10,000 pF

• Short Delay Time: 55 ns (typ.)

• CMOS/TTL-Compatible Input

• Low Supply Current With Logic ‘1’ Input: -450µA (typ.)

• Low Output Impedance: 2.5Ω

• Output Voltage Swing to Within 25 mV of Ground or VDD

• Wide Operating Temperature Range: - -55°C to +125°C

• See TC4420/TC4429 Data Sheet (DS21419) for additional temperature range and package

offerings.



Applications

• Switch-mode Power Supplies

• Motor Controls

• Pulse Transformer Driver

• Class D Switching Amplifiers




Similar Part No. - TC4420M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420MJA TELCOM-TC4420MJA Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420MJA MICROCHIP-TC4420MJA Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420MJA MICROCHIP-TC4420MJA Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Similar Description - TC4420M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com