Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420M Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4420M
Description  6A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420M Datasheet(HTML) 1 Page - Microchip Technology

  TC4420M Datasheet HTML 1Page - Microchip Technology TC4420M Datasheet HTML 2Page - Microchip Technology TC4420M Datasheet HTML 3Page - Microchip Technology TC4420M Datasheet HTML 4Page - Microchip Technology TC4420M Datasheet HTML 5Page - Microchip Technology TC4420M Datasheet HTML 6Page - Microchip Technology TC4420M Datasheet HTML 7Page - Microchip Technology TC4420M Datasheet HTML 8Page - Microchip Technology TC4420M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21933A-page 1
TC4420M/TC4429M
Features
• Latch-Up Protected: Will Withstand >1.5A
Reverse Output Current
• Logic Input: Will Withstand Negative Swing Up To
5V
• ESD Protected: 4 kV
• Matched Rise and Fall Times:
- 25 ns (2500 pF load)
• High Peak Output Current: 6A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability: 10,000 pF
• Short Delay Time: 55 ns (typ.)
• CMOS/TTL-Compatible Input
• Low Supply Current With Logic ‘1’ Input:
-450 µA (typ.)
• Low Output Impedance: 2.5
Ω
• Output Voltage Swing to Within 25 mV of Ground
or VDD
• Wide Operating Temperature Range:
- -55°C to +125°C
• See TC4420/TC4429 Data Sheet (DS21419) for
additional temperature range and package
offerings.
Applications
• Switch-mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class D Switching Amplifiers
General Description
The TC4420M/TC4429M are 6A (peak), single-output
MOSFET drivers. The TC4429M is an inverting driver
(pin-compatible with the TC429M), while the TC4420M
is a non-inverting driver. These drivers are fabricated in
CMOS for lower power and more efficient operation
versus bipolar drivers.
Both devices have TTL/CMOS-compatible inputs,
which can be driven as high as VDD + 0.3V or as low as
-5V without upset or damage to the device. This
eliminates the need for external level-shifting circuitry
and its associated cost and size. The output swing is
rail-to-rail, ensuring better drive voltage margin,
especially during power-up/power-down sequencing.
The propagational delay time is only 55 ns (typ.), while
the output rise and fall times are only 25 ns (typ.) into
2500 pF across the usable power supply range.
Unlike other drivers, the TC4420M/TC4429M are
virtually latch-up proof. They replace three or more
discrete components, saving PCB area and parts while
improving overall system reliability.
Package Types:
8-Pin CERDIP
1
2
3
4
VDD
5
6
7
8
OUTPUT
GND
VDD
INPUT
NC
GND
OUTPUT
TC4420M
TC4429M
VDD
OUTPUT
GND
OUTPUT
Note:
Duplicate pins must both be connected for
proper operation.
6A High-Speed MOSFET Drivers


Similar Part No. - TC4420M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420MJA TELCOM-TC4420MJA Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420MJA MICROCHIP-TC4420MJA Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420MJA MICROCHIP-TC4420MJA Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results

Similar Description - TC4420M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com