Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406 Datasheet (PDF) - Microchip Technology

MCP1406 Datasheet PDF - Microchip Technology
Part # MCP1406
Download  MCP1406 Download
File Size   904.67 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A High-Speed Power MOSFET Drivers

MCP1406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1406 Datasheet PDF - Microchip Technology

Part # MCP1406
Download  MCP1406 Click to download

File Size   904.67 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A High-Speed Power MOSFET Drivers

MCP1406 Datasheet (HTML) - Microchip Technology


MCP1406 Product details

General Description

The MCP1406/07 devices are a family of buffers/MOSFET drivers that feature a single-output with 6A peak drive current capability, low shoot-through current, matched rise/fall times and propagation delay times. These devices are pin-compatible and are improved versions of the TC4420/TC4429 MOSFET drivers.



Features

• High Peak Output Current: 6.0A (typ.)

• Low Shoot-Through/Cross-Conduction Current in Output Stage

• Wide Input Supply Voltage Operating Range: - 4.5V to 18V

• High Capacitive Load Drive Capability:

  - 2500 pF in 20 ns

  - 6800 pF in 40 ns

• Short Delay Times: 40 ns (typ.)

• Matched Rise/Fall Times

• Low Supply Current:

- With Logic ‘1’ Input – 130 µA (typ.)

- With Logic ‘0’ Input – 35 µA (typ.)

• Latch-Up Protected: Will Withstand 1.5A Reverse Current

• Logic Input Will Withstand Negative Swing Up To 5V

• Pin compatible with the TC4420/TC4429 devices

• Space-saving 8-Pin SOIC, PDIP and 8-Pin 6x5 DFN Packages



Applications

• Switch Mode Power Supplies

• Pulse Transformer Drive

• Line Drivers

• Motor and Solenoid Drive




Similar Part No. - MCP1406

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1406-E/AT MICROCHIP-MCP1406-E/AT Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406-E/MF MICROCHIP-MCP1406-E/MF Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406-E/P MICROCHIP-MCP1406-E/P Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406-E/SN MICROCHIP-MCP1406-E/SN Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406T-E/AT MICROCHIP-MCP1406T-E/AT Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
More results


Similar Description - MCP1406

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com