Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1406
Description  6A High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1406 Datasheet HTML 1Page - Microchip Technology MCP1406 Datasheet HTML 2Page - Microchip Technology MCP1406 Datasheet HTML 3Page - Microchip Technology MCP1406 Datasheet HTML 4Page - Microchip Technology MCP1406 Datasheet HTML 5Page - Microchip Technology MCP1406 Datasheet HTML 6Page - Microchip Technology MCP1406 Datasheet HTML 7Page - Microchip Technology MCP1406 Datasheet HTML 8Page - Microchip Technology MCP1406 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2006 Microchip Technology Inc.
DS22019A-page 1
MCP1406/07
Features
• High Peak Output Current: 6.0A (typ.)
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 2500 pF in 20 ns
- 6800 pF in 40 ns
• Short Delay Times: 40 ns (typ.)
• Matched Rise/Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 130 µA (typ.)
- With Logic ‘0’ Input – 35 µA (typ.)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input Will Withstand Negative Swing Up To
5V
• Pin compatible with the TC4420/TC4429 devices
• Space-saving 8-Pin SOIC, PDIP and 8-Pin 6x5
DFN Packages
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Motor and Solenoid Drive
General Description
The
MCP1406/07
devices
are
a
family
of
buffers/MOSFET drivers that feature a single-output
with 6A peak drive current capability, low shoot-through
current, matched rise/fall times and propagation delay
times. These devices are pin-compatible and are
improved versions of the TC4420/TC4429 MOSFET
drivers.
The MCP1406/07 MOSFET drivers can easily charge
and discharge 2500 pF gate capacitance in under
20 ns, provide low enough impedances in both the on
and off states to ensure the MOSFETs intended state
will not be affected, even by large transients. The input
to the MCP1406/07 may be driven directly from either
TTL or CMOS (3V to 18V).
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin. All
terminals are fully protect against Electrostatic
Discharge (ESD) up to 4 kV.
The MCP1406/07 single-output 6A MOSFET driver
family is offered in both surface-mount and pin-
through-hole packages with a -40°C to +125°C
temperature rating, making it useful in any wide
temperature range application.
Package Types
1
2
3
45
6
7
8
VDD
VDD
OUT
OUT
GND
GND
INPUT
NC
8-Pin PDIP/SOIC
VDD
OUT
OUT
GND
8-Pin 6x5 DFN
VDD
GND
INPUT
NC
12 3 4 5
5-Pin TO-220
VDD
OUT
OUT
GND
VDD
OUT
OUT
GND
Tab is
Common
to VDD
Note 1: Duplicate pins must both be connected for proper operation.
2: Exposed pad of the DFN package is electrically isolated.
6A High-Speed Power MOSFET Drivers


Similar Part No. - MCP1406

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1406-E/AT MICROCHIP-MCP1406-E/AT Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406-E/MF MICROCHIP-MCP1406-E/MF Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406-E/P MICROCHIP-MCP1406-E/P Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406-E/SN MICROCHIP-MCP1406-E/SN Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406T-E/AT MICROCHIP-MCP1406T-E/AT Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
More results

Similar Description - MCP1406

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com