Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1403 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC1403
Description  1째C Temperature Sensor with Beta Compensation
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1403 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC1403 Datasheet HTML 35Page - Microchip Technology EMC1403 Datasheet HTML 36Page - Microchip Technology EMC1403 Datasheet HTML 37Page - Microchip Technology EMC1403 Datasheet HTML 38Page - Microchip Technology EMC1403 Datasheet HTML 39Page - Microchip Technology EMC1403 Datasheet HTML 40Page - Microchip Technology EMC1403 Datasheet HTML 41Page - Microchip Technology EMC1403 Datasheet HTML 42Page - Microchip Technology EMC1403 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
1°C Temperature Sensor with Beta Compensation
Data Sheet
 2014 Microchip Technology Inc.
DS20005272A-page 39
Bit 2-0 - BETAx[2:0] - These bits always reflect the current beta configuration settings. If autodetection
circuitry is enabled, then these bits will be updated automatically and writing to these bits will have no
effect. If the autodetection circuitry is disabled, then these bits will determine the beta configuration
setting that is used for their respective channels.
Care should be taken when setting the BETAx[2:0] bits when the autodetection circuitry is disabled. If
the Beta Compensation factor is set at a beta value that is higher than the transistor beta, then the
circuit may introduce measurement errors. When measuring a discrete thermal diode (such as
2N3904) or a CPU diode that functions like a discrete thermal diode (such as an AMD processor
diode), then the BETAx[2:0] bits should be set to ‘111b’.
6.14
External Diode Ideality Factor Registers
These registers store the ideality factors that are applied to the external diodes. Table 6.18 defines
each setting and the corresponding ideality factor. Beta Compensation and Resistance Error Correction
Table 6.16 CPU Beta Values
HEX
ENABLEX
BETAX[2:0]
MINIMUM BETA
21
0
0h
0
0
0
0
0.11
1h
0
0
0
1
0.18
2h
0
0
1
0
0.25
3h
0
0
1
1
0.33
4h
0
1
0
0
0.43
5h
0
1
0
1
1.00
6h
0
1
1
0
2.33
7h
0
1
1
1
Disabled
8h - Fh
1
X
X
X
Autodetection
Table 6.17 Ideality Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
External
Diode 1
Ideality
Factor
-
-
IDEALITY1[5:0]
12h
28h
R/W
External
Diode 2
Ideality
Factor
-
-
IDEALITY2[5:0]
12h
31h
R/W
External
Diode 3
Ideality
Factor
-
-
IDEALITY3[5:0]
12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com