Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS69P05 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS69P05
Description  60V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS69P05 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS69P05 Datasheet HTML 1Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 2Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 3Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 4Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 5Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS69P05
60V P-Channel MOSFETs
Publication Order Number: [MS69P05]
© Bruckewell Technology Corporation Rev. A -2016
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance,Junction-to-Case
--
--
2.7
°C/W
RθJA
Thermal Resistance,Junction-to-Ambient
--
--
62
°C/W
Electrical Characteristics (TJ=25°C, unless otherwise noted)
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS =0 V , ID = 250μA
-60
--
--
V
△BV
DSS
/
△T
J
BVDSS Temperature Coefficient
ID = 250μA, Referenced
to 25°C
--
-0.05
--
V/°C
IDSS
Drain-Source Leakage Current
VDS = -60 V , TJ= 25°C
VDS = -48 V , TJ= 125°C
--
--
-1
-10
uA
IGSS
Gate-Source Leakage,Forward
VGS = ±20 V , VDS = 0 V
--
--
±100
nA
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 uA
-1.2
-1.6
-2.5
V
RDS(ON)
Static Drain-Source
On-state Resis-tance
VGS = -10 V , ID = -8 A
VGS = -4.5 V , ID = -4 A
39
53
48
65
m
Ω
△V
GS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 uA
5
mV/°C
gfs
Forward Transconductance
VGS = -10V , ID = -6 A
11
S
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
3,4
VDS = -30 V,
VGS = -10 V,
ID = -8 A
--
22.4
31
nC
Qgs
Gate-Source Charge
3,4
--
4.1
6
nC
Qgd
Gate-Drain Charge
3,4
--
5.2
8
nC
td(on)
Turn-On Delay Time
3,4
VDD = -30 V,
ID = -1 A,
VGS = -10 V,
RG = 6 Ω
--
13
25
ns
tr
Rise Time
3,4
--
42.4
81
ns
td(off)
Turn-Off Delay Time
3,4
--
64.6
123
ns
tf
Fall Time
3,4
--
16.4
31
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com