Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS69P05 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS69P05
Description  60V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS69P05 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS69P05 Datasheet HTML 1Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 2Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 3Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 4Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 5Page - Bruckewell Technology LTD MS69P05 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS69P05
60V P-Channel MOSFETs
Publication Order Number: [MS69P05]
© Bruckewell Technology Corporation Rev. A -2016
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
CISS
Input Capacitance
VGS = 0 V,
VDS = 25 V,
f = 1MHz
--
1250
1810
pF
COSS
Output Capacitance
--
85
125
pF
CRSS
Reverse Transfer Capacitance
--
65
95
pF
Rg
Gate resistance
VGS = 0 V, VDS = 0 V, F=1MHz
--
15
30
Ω
Drain-Source Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source Current
VD=VG=0V
Force Current
--
--
-20
A
ISM
Pulsed Source Current
--
--
-80
A
VSD
Diode Forward Voltage
IS = -1 A , VGS = 0 V , TJ=25°C
--
--
-1
V
trr
Reverse Recovery Time
3
VGS = 0, Is = -1 A,
dI/dt=100A/us , TJ=25°C
--
--
--
ns
Qrr
Reverse Recovery Charge
3
--
--
--
uC
Note :
1.Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.VDD=-25V,VGS=-10V,L=0.1mH,IAS=-32A.,RG=25
Ω,Starting TJ=25℃
3.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%.
4.Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com