Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 2Page - Texas Instruments TMS570LS3137 Datasheet HTML 3Page - Texas Instruments TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments TMS570LS3137 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 173 page
background image
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.11
Tightly Coupled RAM (TCRAM) Interface Module
.. 80
1.1
Features
.............................................. 1
6.12
Parity Protection for Peripheral RAMs
.............. 80
1.2
Applications
........................................... 2
6.13
On-Chip SRAM Initialization and Testing
........... 82
1.3
Description
............................................ 3
6.14
External Memory Interface (EMIF)
.................. 84
1.4
Functional Block Diagram
............................ 5
6.15
Vectored Interrupt Manager
......................... 91
2
Revision History
......................................... 7
6.16
DMA Controller
...................................... 94
3
Device Comparison
..................................... 9
6.17
Real Time Interrupt Module
......................... 96
4
Terminal Configuration and Functions
........... 10
6.18
Error Signaling Module
.............................. 98
4.1
PGE QFP Package Pinout (144-Pin)
............... 10
6.19
Reset / Abort / Error Sources
...................... 102
4.2
ZWT BGA Package Ball-Map (337-Ball Grid Array)
11
6.20
Digital Windowed Watchdog
....................... 104
4.3
Terminal Functions
................................. 12
6.21
Debug Subsystem
................................. 105
5
Specifications
.......................................... 41
7
Peripheral Information and Electrical
Specifications
......................................... 116
5.1
Absolute Maximum Ratings
........................ 41
7.1
Peripheral Legend
................................. 116
5.2
ESD Ratings
........................................ 41
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.. 116
5.3
Power-On Hours (POH)
............................. 41
7.3
General-Purpose Input/Output
..................... 127
5.4
Recommended Operating Conditions
............... 42
7.4
Enhanced High-End Timer (N2HET)
.............. 128
5.5
Switching Characteristics for Clock Domains
....... 43
7.5
FlexRay Interface
.................................. 133
5.6
Wait States Required
............................... 43
7.6
Controller Area Network (DCAN)
.................. 135
5.7
Power Consumption
................................. 44
7.7
Local Interconnect Network Interface (LIN)
........ 136
5.8
Input/Output Electrical Characteristics
.............. 45
7.8
Serial Communication Interface (SCI)
............. 137
5.9
Thermal Resistance Characteristics
................ 46
7.9
Inter-Integrated Circuit (I2C)
....................... 138
5.10
Output Buffer Drive Strengths
...................... 47
7.10
Multibuffered / Standard Serial Peripheral
5.11
Input Timings
........................................ 48
Interface
............................................ 141
5.12
Output Timings
...................................... 48
7.11
Ethernet Media Access Controller
................. 153
5.13
Low-EMI Output Buffers
............................ 50
8
Device and Documentation Support
.............. 157
6
System Information and Electrical
8.1
Device Support
..................................... 157
Specifications
........................................... 52
8.2
Documentation Support
............................ 159
6.1
Device Power Domains
............................. 52
8.3
Community Resources
............................. 159
6.2
Voltage Monitor Characteristics
..................... 53
8.4
Trademarks
........................................ 159
6.3
Power Sequencing and Power On Reset
........... 54
8.5
Electrostatic Discharge Caution
................... 159
6.4
Warm Reset (nRST)
................................. 56
8.6
Glossary
............................................ 159
6.5
ARM-R4F CPU Information
......................... 57
8.7
Device Identification Code Register
............... 160
6.6
Clocks
............................................... 60
8.8
Die Identification Registers
....................... 161
6.7
Clock Monitoring
.................................... 68
8.9
Module Certifications
............................... 161
6.8
Glitch Filters
......................................... 70
9
Mechanical Packaging and Orderable
6.9
Device Memory Map
................................ 71
Information
............................................. 168
6.10
Flash Memory
....................................... 77
9.1
Packaging Information
............................. 168
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com