Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 3Page - Texas Instruments TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments TMS570LS3137 Datasheet HTML 10Page - Texas Instruments TMS570LS3137 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
2
Revision History
This data manual revision history highlights the technical changes made to the SPNS162B device-specific
data manual to make it an SPNS162C revision.
Scope: Applicable updates to the Hercules™ TMS570 MCU device family, specifically relating to the
TMS570LS3137 devices, which are now in the production data (PD) stage of development have been
incorporated.
Changes from August 1, 2013 to April 30, 2015 (from B Revision (July 2013) to C Revision)
Page
•
Section 1 (Device Overview): Updated/Changed section title
................................................................. 1
•
Updated/Changed the N2HET feature
............................................................................................. 1
•
(Device Information): Added table
.................................................................................................. 4
•
Added Section 3, Device Comparison
............................................................................................. 9
•
Section 4 (Terminal Configuration and Functions): Updated/Changed section title
........................................ 10
•
Table 4-2 (PGE Enhanced High-End Timer Modules (N2HET1, N2HET2)): Updated/Changed N2HET1 time
input capture or output compare pin description
................................................................................ 14
•
Table 4-2: Added N2HET1_PIN_nDIS signal DESCRIPTION
................................................................ 14
•
Table 4-2: Updated/Changed N2HET2 time input capture or output compare pin description
........................... 15
•
Table 4-2: Added N2HET2_PIN_nDIS signal DESCRIPTION
................................................................ 15
•
Table 4-3 Updated description about using GIOB[2] on pin 55
.............................................................. 15
•
Table 4-16 (PGE Test and Debug Modules Interface): Updated/Changed TEST pin description
........................ 19
•
Table 4-22 (ZWT Enhanced High-End Timer (N2HET) Modules): Updated/Changed N2HET1 time input capture
or output compare pin description
................................................................................................ 23
•
Table 4-22 Added alternate terminals for N2HET1 pins 17, 19, 21, 23, 25, 27, 29 and 31
............................... 23
•
Table 4-22: Added N2HET1_PIN_nDIS signal DESCRIPTION
............................................................... 23
•
Table 4-22: Updated/Changed N2HET2 time input capture or output compare pin description
.......................... 24
•
Table 4-22: Added N2HET2_PIN_nDIS signal DESCRIPTION
............................................................... 24
•
Table 4-23 Updated description about using GIOB[2] on ball V10
........................................................... 25
•
Table 4-32: Added "receive" to the RMII_CRS_DV pin Description
.......................................................... 29
•
Table 4-32: Added "receive" to the MII_CRS pin Description
................................................................. 29
•
Table 4-34 (External Memory Interface (EMIF)): Global: Deleted EMIF_RNW pin function.
.............................. 30
•
Table 4-40 (ZWT Test and Debug Modules Interface): Updated/Changed TEST pin description
....................... 36
•
Table 4-42 (No Connects): Deleted NC pins A8, B8, and B9; supported on FlexRay Interface Controller
............. 37
•
Section 5 (Specifications): Updated/Changed section title
.................................................................... 41
•
Section 5.1 (Absolute Maximum Ratings): Reformatted table
................................................................. 41
•
Section 5.1 (Absolute Maximum Ratings): Updated/Changed VCCAD supply voltage range MAX value from "5.5"
to "6.25" V
............................................................................................................................ 41
•
Section 5.1: Updated/Changed ADC input pins input voltage range MAX value from "5.5" to "6.25" V
................. 41
•
Section 5.2 (ESD Ratings): Added table (new)
.................................................................................. 41
•
Section 5.3 (Power-On Hours (POH)): Added table (new)
.................................................................... 41
•
Section 5.8 (Input/Output Electrical Characteristics): Updated/Changed Input Clamp Current from IIC to IIK........... 45
•
Section 5.9 (Thermal Resistance Characteristics): Moved section and updated/changed subsection title.
............ 46
•
Table 5-2 (Thermal Resistance Characteristics (PGE Package)): Added test conditions and added
ΨJT row for
PGE package
........................................................................................................................ 46
•
Table 5-3 (Thermal Resistance Characteristics (ZWT Package)): Added test conditions and added
ΨJT row for
ZWT package
........................................................................................................................ 46
•
Clarified impact of SPI2PC9 register on drive strength of SPI2SOMI pin
.................................................. 47
•
Updated/Changed the MIN value of tv(RST) to 2256tc(OSC) ns .................................................................. 56
•
Section 6.6.1 (Clock Sources): Added Table 6-8, Available Clock Source cross-references
............................. 60
•
Section 6.6.1.1 (Main Oscillator): Added Figure 6-4, Recommended Crystal/Clock Connection cross-reference
..... 60
•
Table 6-10 Added limits for HF LPO after software trim
...................................................................... 62
•
Table 6-13 (Clock Domain Descriptions): Added missing "1" to the VCLKACON clock source selection register
name for VCLKA3 row
.............................................................................................................. 65
•
Table 6-20 Corrected size of bank 7 OTP and bank 7 OTP ECC
............................................................ 72
•
Figure 6-10 (TCRAM Block Diagram): Updated/Changed figure, deleted A TCM
.......................................... 80
•
Table 6-25 Added table footnotes identifying the address ranges of the ESRAM PBIST groups
........................ 82
•
Table 6-25 Added RAM power domain information in the table notes
....................................................... 82
•
Table 6-26(Memory Initialization): Updated/Changed N2HET2 RAM ending address from "0xFF57FFFF" to
Copyright © 2012–2015, Texas Instruments Incorporated
Revision History
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com