Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404V/63SN Datasheet(PDF) 7 Page - Texas Instruments

Part # TP3404V/63SN
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/63SN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TP3404V/63SN Datasheet HTML 3Page - Texas Instruments TP3404V/63SN Datasheet HTML 4Page - Texas Instruments TP3404V/63SN Datasheet HTML 5Page - Texas Instruments TP3404V/63SN Datasheet HTML 6Page - Texas Instruments TP3404V/63SN Datasheet HTML 7Page - Texas Instruments TP3404V/63SN Datasheet HTML 8Page - Texas Instruments TP3404V/63SN Datasheet HTML 9Page - Texas Instruments TP3404V/63SN Datasheet HTML 10Page - Texas Instruments TP3404V/63SN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NRND
TP3404
www.ti.com
SNOS703 – DECEMBER 2004
LINE RECEIVE SECTIONS
The input of each receive section, Li0–Li3, consists of a continuous anti-alias filter followed by a switched-
capacitor low-pass filter designed to limit the noise bandwidth with minimum intersymbol interference. To correct
pulse attenuation and distortion caused by the transmission line an AGC circuit and first-order equalizer adapt to
the received pulse shape, thus restoring a “flat” channel response with maximum received eye opening over a
wide spread of cable attenuation characteristics.
From the equalized output a DPLL (Digital Phase-Locked Loop) recovers a low-jitter clock for optimum sampling
of the received symbols. The MCLK input provides the reference clock for the DPLL at 4.096 MHz.
Following detection of the recovered symbols, the received data is de-scrambled by the same X9 + X5 + 1
polynomial and presented to the digital system interface circuit.
When a transmission line is de-activated, a Line-Signal Detect Circuit is enabled to detect the presence of
incoming bursts if the far-end starts to activate the loop.
Figure 3. Typical AMI Waveform at Lo
Figure 4. Typical AMI Transmit Spectrum Measured at LO Output (With RGB = 100 Hz)
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com