Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404V/63SN Datasheet(PDF) 13 Page - Texas Instruments

Part # TP3404V/63SN
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/63SN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TP3404V/63SN Datasheet HTML 9Page - Texas Instruments TP3404V/63SN Datasheet HTML 10Page - Texas Instruments TP3404V/63SN Datasheet HTML 11Page - Texas Instruments TP3404V/63SN Datasheet HTML 12Page - Texas Instruments TP3404V/63SN Datasheet HTML 13Page - Texas Instruments TP3404V/63SN Datasheet HTML 14Page - Texas Instruments TP3404V/63SN Datasheet HTML 15Page - Texas Instruments TP3404V/63SN Datasheet HTML 16Page - Texas Instruments TP3404V/63SN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NRND
TP3404
www.ti.com
SNOS703 – DECEMBER 2004
APPLICATIONS INFORMATION
POWER SUPPLIES
While the pins of the TP3404 QDASL device are well protected against electrical misuse, it is recommended that
the standard CMOS practice of applying GND to the device before any other connections are made should
always be followed. In applications where the printed circuit card may be plugged into a hot socket with power
and clocks already present, an extra long ground pin on the connector should be used.
To minimize noise sources, the VDDA and VDDD pins should be connected together via the shortest possible
trace; likewise the GNDA and GNDD pins must be connected together. These two connections can be done
directly underneath the part. All other ground connections to each device should meet at a common point as
close as possible to the GNDD pin in order to prevent the interaction of ground return currents flowing through a
common bus impedance. A power supply decoupling capacitor of 0.1
μF should be connected from this common
point to VDDD as close as possible to the device pins.
Figure 6 shows a typical 4 line application of the QDASL. The current list of suitable commercial transformers is:
Schott Corporation (Nashville);
Phone 615-889-8800.
Part numbers: 67110850 (dry);
Part numbers: 67110860 (50 mA DC).
Pulse Engineering (San Diego);
Phone 619-674-8100.
Part number:TBD.
Note that the Zener diode protection shown in Figure 9 is only intended as secondary protection for inside wiring
applications; primary protection is also necessary. Further information can be found in the datasheet for the
TP3401/2/3 DASL devices (SNOSC12) and in Application Note AN-509 “Using the TP3401/2/3 ISDN PBX
Transceivers”.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com