Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404V/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # TP3404V/NOPB
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  TP3404V/NOPB Datasheet HTML 1Page - Texas Instruments TP3404V/NOPB Datasheet HTML 2Page - Texas Instruments TP3404V/NOPB Datasheet HTML 3Page - Texas Instruments TP3404V/NOPB Datasheet HTML 4Page - Texas Instruments TP3404V/NOPB Datasheet HTML 5Page - Texas Instruments TP3404V/NOPB Datasheet HTML 6Page - Texas Instruments TP3404V/NOPB Datasheet HTML 7Page - Texas Instruments TP3404V/NOPB Datasheet HTML 8Page - Texas Instruments TP3404V/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NRND
TP3404
SNOS703 – DECEMBER 2004
www.ti.com
PIN DESCRIPTIONS
Pin
Pin
Description
No.
Name
1
GNDA
Analog Ground or 0V. All analog signals are referenced to this pin.
15
GNDD
Digital Ground 0V. It must connect to GNDA with a shortest possible trace. This can be done directly underneath the part.
28
VDDA
Positive power supply input to QDASL analog section. It must be 5V ±5%.
16
VDDD
Positive power supply input to QDASL digital section. It must be 5V ±5%, and connect to VDDA with the shortest possible
trace. This can be done directly underneath the part.
11
FS
Frame Sync input: this signal is the 8 kHz clock which defines the start of the transmit and receive frames at the digital
interfaces.
9
MCLK
This pin is the 4.096 MHz Master Clock input, which requires a CMOS logic level clock from a stable source. MCLK must
be synchronous with BCLK.
10
BCLK
Bit Clock logic input, which determines the data shift rate for B and D channel data at the BI, BO, DI and DO pins. BCLK
may be any multiple of 8 kHz from 256 kHz to 4.096 MHz, but must be synchronous with MCLK.
12
BI
Time-division multiplexed input for B1 and B2 channel data to be transmitted to the 4 lines. Data on this pin is shifted in on
the failing edge of BCLK into the B1 and B2 channels during the selected transmit time-slots.
13
BO
Time-division multiplexed receive data output bus. B1 and B2 channel data from all 4 lines is shifted out on the rising edge
of BCLK on this pin during the assigned receive time-slots. At all other times this output is TRI-STATE (high impedance).
14
TSB
This pin is an open-drain output which is normally high impedance but pulls low during any active B channel receive time
slots at the BO pin.
7
DI
Time-division multiplexed input for D channel data to be transmitted to the 4 lines. Data on this pin is shifted in on the
failing edge of BCLK into the D channel during the selected transmit sub-time-slots.
8
DO
Time-division multiplexed output for D channel data received from the 4 lines. Data on this pin is shifted out on the rising
edge of BCLK during the selected receive sub-time-slot.
19
CCLK
Microwire Control Clock input. This clock shifts serial control information into CI and out from CO when the CS input is low,
depending on the current instruction. CCLK may be asynchronous with the other system clocks.
21
CI
Control data Input. Serial control information is shifted into the QDASL on this pin on the rising edges of CCLK when CS is
low.
17
INT
Interrupt request output, a latched output signal which is normally high impedance and goes low to indicate a change of
status of any of the 4 loop transmission systems. This latch is cleared when the Status Register is read by the
microprocessor. Bipolar Violation does not effect this output.
20
CO
Control data Output. Serial control/status information is shifted out from the QDASL on this pin on the falling edges of
CCLK when CS is low.
18
CS
Chip Select input. When this pin is pulled low, the Microwire interface is enabled to allow control information to be written
in to and out from the device via the CI and CO ins. When high, this pin inhibits the Microwire interface.
4
Lo0
Line driver transmit outputs for the 4 transmission channels. Each output is an amplifier intended to drive a transformer.
3
Lo1
26
Lo2
25
Lo3
5
Li0
Line receive amplifier inputs for the 4 transmission channels. Each Li pin is a self-biased high impedance input which
2
Li1
should be connected to the transformer via the recommended line interface circuit.
27
Li2
24
Li3
4
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com