Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3404V/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # TP3404V/NOPB
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  TP3404V/NOPB Datasheet HTML 1Page - Texas Instruments TP3404V/NOPB Datasheet HTML 2Page - Texas Instruments TP3404V/NOPB Datasheet HTML 3Page - Texas Instruments TP3404V/NOPB Datasheet HTML 4Page - Texas Instruments TP3404V/NOPB Datasheet HTML 5Page - Texas Instruments TP3404V/NOPB Datasheet HTML 6Page - Texas Instruments TP3404V/NOPB Datasheet HTML 7Page - Texas Instruments TP3404V/NOPB Datasheet HTML 8Page - Texas Instruments TP3404V/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NRND
TP3404
www.ti.com
SNOS703 – DECEMBER 2004
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
Check for Samples: TP3404
1
FEATURES
DESCRIPTION
The TP3404 is a combination 4-line transceiver for
23
•
4 COMPLETE ISDN PBX 2-WIRE DATA
voice
and
data
transmission
on
twisted
pair
TRANSCEIVERS INCLUDING:
subscriber
loops,
typically
in
PBX
line
card
•
Quad 2 B Plus D Channel Interface for PBX
applications.
It
is
a
companion
device
to
the
“U” Interface
TP3401/2/3 DASL single-channel transceivers. In
addition to 4 independent transceivers, a time-slot
•
144 kb/s Full-Duplex on 1 Twisted Pair Using
assignment circuit is included to support interfacing to
Burst Mode Transmission Technique
the system backplane.
•
Loop Range up to 6 kft (#24AWG)
Each QDASL line operates as an ISDN “U” Interface
•
Alternate Mark Inversion Coding with Transmit
for short loop applications, typically in a PBX
Pulse Shaping DAC, Smoothing Filter, and
environment, providing transmission for 2 B channels
Scrambler for Low Emi Radiation
and 1 D channel.
•
Adaptive Line Equalizer
Full-duplex transmission at 144 kb/s is achieved on
•
On-Chip Timing Recovery, No External
single
twisted
wire
pairs
using
a
burst-mode
Components
technique (Time Compression Multiplexed). All timing
•
Programmable Time-Slot Assignment TDM
sequences necessary for loop activation and de-
Interface for B Channels
activation are generated on-chip.
•
Separate Interface for D Channel with
Alternate Mark Inversion (AMI) line coding is used to
Programmable Sub-Slot Assignment
ensure low error rates in the presence of noise with
lower emi radiation than other codes such as Biphase
•
4.096 MHz Master Clock
(Manchester). On #24 AWG cable the range is at
•
4 Loop-Back Test Modes
least 1.8 km (6k ft.).
•
MICROWIRE™ Compatible Serial Control
Interface
•
5V Operation
•
28-Pin PLCC Package
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MICROWIRE is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TP3404V/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3404V NSC-TP3404V Datasheet
212Kb / 14P
Quad Digital Adapter for Subscriber Loops (QDASL)
More results

Similar Description - TP3404V/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3404 NSC-TP3404 Datasheet
212Kb / 14P
Quad Digital Adapter for Subscriber Loops (QDASL)
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
Digital Subscriber Controller??(DSC?? Circuit
logo
National Semiconductor ...
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
Asymmetric Digital Subscriber Line
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Texas Instruments
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com