Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC301 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # KBPC301
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

KBPC301 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  KBPC301 Datasheet HTML 1Page - SUNMATE electronic Co., LTD KBPC301 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 50 - 1000V
1 of 2
SINGLE PHASE SILICON BRIDGE RECTIFIER
KBPC3005-KBPC310
Dimensions in inches and (milimeters)
KBPC3
Characteristic
Symbol KBPC
3005
KBPC
301
KBPC
302
KBPC
304
KBPC
306
KBPC
308
KBPC
310
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per leg
@IF = 1.5A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
A2s
Typical Junction Capacitance (Note 3)
Cj
pF
Typical Thermal Resistance per leg (Note 1)
R JC
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
50
10
25
10
www.sunmate.tw
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
!
Diffused Junction
!
High Current Capability
!
!
High Surge Current Capability
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
!
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
High Case Dielectric Strength
Flammability Classification 94V-O
Plastic Material has Underwriters Laboratory
Ideal for Printed Circuit Board Application
Case: Molded Plastic
Weight: 3.8 grams (approx.)
Polarity: Marked on Body
CURRENT: 3.0 A


Similar Part No. - KBPC301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC301 JGD-KBPC301 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC301 ETC1-KBPC301 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
43Kb / 4P
3.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC301 DAESAN-KBPC301 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBPC301

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com