Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9658 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 9Page - Samsung semiconductor P9658 Datasheet HTML 10Page - Samsung semiconductor P9658 Datasheet HTML 11Page - Samsung semiconductor P9658 Datasheet HTML 12Page - Samsung semiconductor P9658 Datasheet HTML 13Page - Samsung semiconductor P9658 Datasheet HTML 14Page - Samsung semiconductor P9658 Datasheet HTML 15Page - Samsung semiconductor P9658 Datasheet HTML 16Page - Samsung semiconductor P9658 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ELECTRICAL DATA
S3C9654/C9658/P9658
15-4
Table 15-3. Input/Output Capacitance
(TA = 0°C to + 85°C, VDD = 0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input
capacitance
CIN
f = 1 MHz; unmeasured pins
are connected to VSS
–
–
10
pF
Output
capacitance
COUT
Except XIN, XOUT
I/O capacitance
CIO
XI/XO capacitance
CXI, CXO
XIN, XOUT
–
33
–
Table 15-4. A.C. Electrical Characteristics
(TA = 0°C to + 85°C, VDD = 4.0 V to 5.25 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Noise filter
tNF1H, tNF1L P1 (RC delay)
100
–
200
ns
0.8 VDD
0.2 VDD
tNF1L
tNF1H
0.5 VDD
tNF2
Figure 15-1. Nose Filter Timing Measurement Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com