Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9658 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button P9658 Datasheet HTML 12Page - Samsung semiconductor P9658 Datasheet HTML 13Page - Samsung semiconductor P9658 Datasheet HTML 14Page - Samsung semiconductor P9658 Datasheet HTML 15Page - Samsung semiconductor P9658 Datasheet HTML 16Page - Samsung semiconductor P9658 Datasheet HTML 17Page - Samsung semiconductor P9658 Datasheet HTML 18Page - Samsung semiconductor P9658 Datasheet HTML 19Page - Samsung semiconductor P9658 Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
S3C9654/C9658/P9658
ELECTRICAL DATA
15-7
Data Retention Mode
VDDDR
Execution Of
Stop Instrction
VDD
Normal
Operating
Mode
IDLE Mode
(Basic Timer Active)
Stop Mode
tWAIT
0.8 VDD
0.2 VDD
External
Interrupt
Figure 15-3. Stop Mode Release Timing When Initiated by an External Interrupt
Table 15-8. Comparator Electrical Characteristics
(TA = 0°C to + 85°C, VDD = 4.0 V to 5.25 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Conversion time (1)
tCON
–
–
6
× 12
or
6
× 192
–
fCPU
Comparator input
voltage
VICN
–
VSS
–
VDD
V
Comparator input
impedance
RCN
–
2
1000
–
M
Ω
Comparator
reference voltage
VREF
–
1.8
–
VDD
V
Comparator input
current
ICIN
VDD = 5 V
– 3
–
3
µA
Reference input
current
IREF
VDD = 5 V
– 3
–
3
µA
Comparator block
ICOM
VDD = 5.5 V
–
1
2
mA
current (2)
VDD = 4.5 V
0.5
1
mA
VDD = 5 V
(when power down mode)
100
500
nA
NOTES:
1.
Conversion time is the time required from the moment a conversion operation starts until it ends.
2.
ICOM is an operating current during conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com