Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFN3 Datasheet(PDF) 1 Page - Formosa MS

Part # MFN3
Description  Flip Chip CSP DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MFN3 Datasheet(HTML) 1 Page - Formosa MS

  MFN3 Datasheet HTML 1Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●主要封裝尺寸
:
封裝型號
尺寸 mil
尺寸(±0.10)mm
MFN3
100*50*20
2.54*1.27*0.40
MFN4
80*50*16
2.32*1.16*0.40
MFN5
62*34*16
1.58*0.86*0.40
MFN5-1
62*34*16
1.58*0.86*0.40
MFN9-1
40*24*16
1.02*0.61*0.40
●主要電性
(Electrical Characterristics):
產品類別
主要電性
封裝
型號
IO(A) / W
VF(V)
IFSM(A)
VR(V)
IR(uA)
MAX
TRR(ns)
STD/GP
1
0.92
30
600
5
MFN3
1
1.0
30
600
5
MFN3
FR /HER/SF
1
1.3/1.7/1.7
30
600
5
250/75/35
MFN3
TVS (雙向)
(10/1000µs)
90W
6.0 ~ 51
參考目錄
MFN5
200W
6.0 ~ 51
參考目錄
MFN4
Zener
0.5
1.2V@0.1A
5
10 ~ 100
5 ~ 1
MFN5
1
1.2V@0.2A
10
10 ~ 100
5 ~ 1
MFN4
SKY
0.2
0.45/TYP.0.40
5
40
50
MFN9-1
0.3
0.48/TYP.0.44
5
40
50
MFN9-1
0.5
0.55 /TYP.0.49
5
40
50
MFN9-1
1
0.45/0.55
20
40
100/50
MFN5-1
●焊錫面設計建議
(Suggested Solder Pad Layout):
圖示
代
號
SKY
TVS
其他
MFN5-1
MFN9-1
MFN4
MFN5
MFN3
MFN4
MFN5
A
1.70
1.10
2.20
1.70
2.60
2.20
1.70
B
0.80
0.50
0.97
0.63
1.07
0.97
0.70
C
0.50
0.40
0.83
0.63
0.82
0.83
0.60
D
0.70
0.30
0.55
0.45
0.97
0.55
0.50
E
0.50
0.40
0.83
0.63
0.82
0.83
0.60
●應用
:更輕薄短小二極體元件,符合各類小型化、微型化設計,如行動資訊產品、LED 等需求.
美麗微半導體股份有限公司
FORMOSA MICROSEMI CO., LTD
敬請聯繫
TEL:886-2-22696661
FAX:886-2-22696141
業務部


Similar Part No. - MFN3

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MFN1105MS-TR STANLEY-MFN1105MS-TR Datasheet
690Kb / 25P
Lead?밼ree soldering compatible
MFN1106MS-TR STANLEY-MFN1106MS-TR Datasheet
686Kb / 25P
Lead?밼ree soldering compatible
MFN1107MS-TR STANLEY-MFN1107MS-TR Datasheet
718Kb / 24P
Light source for surveillance camera竊똭ight auxiliary light
MFN1108MS-TR STANLEY-MFN1108MS-TR Datasheet
732Kb / 24P
Light source for surveillance camera竊똭ight auxiliary light
logo
Vishay Siliconix
MFNEA VISHAY-MFNEA Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - MFN3

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
DBES105A UMS-DBES105A Datasheet
58Kb / 4P
Flip-Chip Dual Diode
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
CSP TVS Flip Chip TVS Diode Array
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
AlGaAs Flip-Chip PIN Diode
MA4FCP200 MACOM-MA4FCP200 Datasheet
42Kb / 2P
Silicon Flip Chip PIN Diode
MA4FCP300 MACOM-MA4FCP300 Datasheet
110Kb / 4P
Silicon Flip Chip PIN Diode
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
United Monolithic Semic...
DBES105A UMS-DBES105A_06 Datasheet
94Kb / 4P
Flip-Chip Dual Diode
logo
M/A-COM Technology Solu...
MA4FCP200 MA-COM-MA4FCP200 Datasheet
137Kb / 6P
Flip Chip PIN Diode
MA4FCP300 MA-COM-MA4FCP300 Datasheet
151Kb / 5P
Silicon Flip Chip PIN Diode
logo
United Monolithic Semic...
DBES105A UMS-DBES105A_09 Datasheet
78Kb / 4P
Flip-Chip Dual Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com