Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730A/KG/MP2T Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/MP2T
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/MP2T Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP5730A/KG/MP2T Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SP5730
Datasheet
Address
Programmable divider
Programmable divider
Control data
Control data
1
0
27
1
C1
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
1
214
26
T1
C0
0
213
25
T0
RE
0
212
24
R4
RS
0
211
23
R3
P3
MA1
210
22
R2
P2
MA0
29
21
R1
P1
0
28
20
R0
P0
A
A
A
A
A
Table 3 - Write data format (MSB transmitted first)
MSB
LSB
Key to Table 3.
A
Acknowledge bit
MA1, MA0
Variable address bits (see Table 5)
214-20
Programmable division ratio control bits
R4-R0
Reference division ratio select (see Table 2)
C1, C0
Charge pump current select (see Table 7)
RE
Reference oscillator output enable
RS
REF/COMP output select when RE=1 (see Table 8)
T1-T0
Test mode control bits (see Table 6)
P3-P0
P3, P2, P1 and P0 port output states
Address
Status byte
1
POR
Byte 1
Byte 2
1
FL
0
0
0
0
0
0
MA1
0
MA0
0
1
0
A
A
MSB
LSB
Table 4 - Read data format (MSB transmitted first)
Key to table 4,
A
Acknowledge bit
MA1, MA0
Variable address bits (see Table 5)
POR
Power On Reset indicator
FL
Phase lock flag
Table 5 - Address selection
* Programmed by connecting a 15k
Ω resistor from pin 10 to V
CC
0
0
1
1
MA1
0 to 0·1VCC
Open circuit
0·4VCC to 0·6VCC *
0·9VCC to VCC
Address input voltage level
MA0
0
1
0
1
Current (
µA)
0
0
1
1
0
1
0
1
C1
C0
Min.
Typ.
Max.
±116
±247
±517
±1087
±155
±330
±690
±1450
±194
±412
±862
±1812
Table 7 - Charge pump current
* Clocks need to be present on crystal and RF inputs to enable
charge pump test modes and to toggle Status byte bit FL.
X = don’t care
Table 6 - Test modes
RE•RS
Test mode description
0
1
X
X
X
T1
0
0
0
1
1
T0
0
0
1
0
1
Normal operation
Normal operation, P0 = fPD/2
Charge pump sink*, FL = ‘0’
Charge pump source*, FL = ‘0’
Charge pump disabled*, FL = ‘1’
Table 8 - REF/COMP output
0
1
1
RE
REF/COMP output
RS
X
0
1
High impedance
fREF selected
fCOMP selected
X = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com