Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730A/KG/MP2T Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/MP2T
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/MP2T Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SP5730A/KG/MP2T Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5730A/KG/MP2T Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SDA5
5V
SCL5
C3
R7
C2
C5
C4
VCC
R8
130V
T1
R9
R10
C14
RF3 COMP
OUTPUT
RF2
EXT REF
S1
R1
R4
18V
LED1
LED2
C10
C17
R11
R12
R13
C20
18V
RF INPUT
RF1
C19
C21
R14
VCO
RF
OUT
VT
1
2
J2
VARACTOR
C15
C13
C12
J5
3
4
5
6
1
2
3
4
5
18V
C8
C9
130V
C16
C7
15V VCC
J1 POWER
CONNECTOR
1
PORT
OUTPUTS
J4
VCO tuning range
= 500MHz to 900MHz
C18
X1
C1
C6
SP
5730
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
R5
R6
LED3
LED4
LK1
2
3
4
ADD
CON1
C23
C22
C24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com