Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA157UA/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA157UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA157UA/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  INA157UA/2K5 Datasheet HTML 1Page - Texas Instruments INA157UA/2K5 Datasheet HTML 2Page - Texas Instruments INA157UA/2K5 Datasheet HTML 3Page - Texas Instruments INA157UA/2K5 Datasheet HTML 4Page - Texas Instruments INA157UA/2K5 Datasheet HTML 5Page - Texas Instruments INA157UA/2K5 Datasheet HTML 6Page - Texas Instruments INA157UA/2K5 Datasheet HTML 7Page - Texas Instruments INA157UA/2K5 Datasheet HTML 8Page - Texas Instruments INA157UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
®
INA157
PIN CONFIGURATION
TOP VIEW
SO-8
Supply Voltage, V+ to V– .................................................................... 40V
Input Voltage Range ..........................................................................
±80V
Output Short Circuit (to ground) ............................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
INA157U
SO-8 Surface-Mount
182
–40
°C to +85°C
INA157U
INA157U
Rails
""
"
"
"
INA157U/2K5
Tape and Reel
INA157UA
SO-8 Surface-Mount
182
–40
°C to +85°C
INA157UA
INA157UA
Rails
""
"
"
"
INA157UA/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/ ) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “INA157U/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
Ref
–In
+In
V–
NC
V+
Output
Sense
NC = No Connection
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com