Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA157UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA157UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA157UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA157UA/2K5 Datasheet HTML 1Page - Texas Instruments INA157UA/2K5 Datasheet HTML 2Page - Texas Instruments INA157UA/2K5 Datasheet HTML 3Page - Texas Instruments INA157UA/2K5 Datasheet HTML 4Page - Texas Instruments INA157UA/2K5 Datasheet HTML 5Page - Texas Instruments INA157UA/2K5 Datasheet HTML 6Page - Texas Instruments INA157UA/2K5 Datasheet HTML 7Page - Texas Instruments INA157UA/2K5 Datasheet HTML 8Page - Texas Instruments INA157UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High-Speed, Precision
DIFFERENCE AMPLIFIER
©1999 Burr-Brown Corporation
PDS-1483B
Printed in U.S.A. March, 1999
®
FEATURES
q DESIGNED FOR LOW COST
q LOW OFFSET VOLTAGE:
±500µV max
q LOW OFFSET DRIFT:
±2µV/°C
q LOW GAIN ERROR:
±0.05% max
q WIDE BANDWIDTH: 3MHz
q HIGH SLEW RATE: 14V/
µs
q FAST SETTLING TIME: 3
µs to 0.01%
q WIDE SUPPLY RANGE:
±4V to ±18V
q LOW QUIESCENT CURRENT: 2.4mA
q SO-8 SURFACE-MOUNT PACKAGE
INA157
DESCRIPTION
The INA157 is a high slew rate, G = 1/2 or G = 2
difference amplifier consisting of a precision op amp
with a precision resistor network. The on-chip resis-
tors are laser trimmed for accurate gain and high
common-mode rejection. Excellent TCR tracking of
the resistors maintains gain accuracy and common-
mode rejection over temperature. The input common-
mode voltage range extends beyond the positive and
negative supply rails. It operates on
±4V to ±18V
supplies.
The difference amplifier is the foundation of many
commonly used circuits. The INA157 provides this
circuit function without using an expensive precision
resistor network. The INA157 is available in a SO-8
surface-mount package and is specified for operation
over the extended industrial temperature range, –40
°C
to +85
°C.
APPLICATIONS
q DIFFERENTIAL INPUT AMPLIFIER
q INSTRUMENTATION AMPLIFIER
BUILDING BLOCK
q G = 1/2 AMPLIFIER
q G = 2 AMPLIFIER
q DIFFERENTIAL CURRENT RECEIVER
q VOLTAGE-CONTROLLED CURRENT SOURCE
q GROUND LOOP ELIMINATOR
q CURRENT SHUNT MONITOR
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
2
3
4
–In
+In
V–
6k
Ω
12k
Ω
6k
Ω
12k
Ω
5
1
Sense
Ref
6
Output
7
V+
INA157
For most current data sheet and other product
information, visit www.burr-brown.com
SBOS105


Similar Part No. - INA157UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA157UA/2K5 TI2-INA157UA/2K5 Datasheet
219Kb / 14P
High-Speed, Precision DIFFERENCE AMPLIFIER
23-May-2025
INA157UA/2K5.A TI2-INA157UA/2K5.A Datasheet
219Kb / 14P
High-Speed, Precision DIFFERENCE AMPLIFIER
23-May-2025
More results

Similar Description - INA157UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com