Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC339 Datasheet(PDF) 7 Page - NEC

Part # UPC339
Description  LOW POWER QUAD COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC339 Datasheet(HTML) 7 Page - NEC

Back Button UPC339 Datasheet HTML 3Page - NEC UPC339 Datasheet HTML 4Page - NEC UPC339 Datasheet HTML 5Page - NEC UPC339 Datasheet HTML 6Page - NEC UPC339 Datasheet HTML 7Page - NEC UPC339 Datasheet HTML 8Page - NEC UPC339 Datasheet HTML 9Page - NEC UPC339 Datasheet HTML 10Page - NEC UPC339 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
µPC339
7
14PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
P14C-100-300B1-1
N
0.25
0.01
R
0~15
°
0~15
°
A
20.32 MAX.
0.800 MAX.
B
2.54 MAX.
0.100 MAX.
F
1.2 MIN.
0.047 MIN.
G
3.6±0.3
0.142±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
M
R
M
I
H
G
F
DN
C
B
K
17
14
8
L
A
J
PACKAGE DRAWINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com