Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC339 Datasheet(PDF) 9 Page - NEC

Part # UPC339
Description  LOW POWER QUAD COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC339 Datasheet(HTML) 9 Page - NEC

Back Button UPC339 Datasheet HTML 4Page - NEC UPC339 Datasheet HTML 5Page - NEC UPC339 Datasheet HTML 6Page - NEC UPC339 Datasheet HTML 7Page - NEC UPC339 Datasheet HTML 8Page - NEC UPC339 Datasheet HTML 9Page - NEC UPC339 Datasheet HTML 10Page - NEC UPC339 Datasheet HTML 11Page - NEC UPC339 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
µPC339
9
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is performed under different conditions, please make sure to consult with our
sales offices.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(C10535E).
Surface mount device
µPC339G2: 14-pin plastic SOP (225 mil)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 230
°C or below (Package surface temperature),
IR30-00-1
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 1 time.
Vapor Phase Soldering
Peak temperature: 215
°C or below (Package surface temperature),
VP15-00-1
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 1 time.
Wave Soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
WS60-00-1
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
Partial heating method
Pin temperature: 300
°C or below,
–
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or
the device will be damaged by heat stress.
Through-hold device
µPC339C: 14-pin plastic DIP (300 mil)
Process
Conditions
Wave soldering
Solder temperature: 260
°C or below,
(only to leads)
Flow time: 10 seconds or less.
Partial heating method
Pin temperature: 300
°C or below,
Heat time: 3 seconds or less (per each lead.)
Caution For through-hole device, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com