Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZREF12 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZREF12
Description  PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF12 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZREF12 Datasheet HTML 1Page - Zetex Semiconductors ZREF12 Datasheet HTML 2Page - Zetex Semiconductors ZREF12 Datasheet HTML 3Page - Zetex Semiconductors ZREF12 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
25mA
Forward Current
25mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
E-Line, 3 pin (TO92)
500mW
E-Line, 2 pin (TO92)
500mW
SO8
625mW
Reverse Characteristics
Reverse Voltage (V)
0
0.2
0.4
0.8
1.4
0.6
1.0
0
10
20
30
40
50
60
TA
=25°C
TA
=-
40°C
TA
=85°C
1.2
ZREF12
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL PARAMETER
CONDITIONS
LIMITS
TOL.
%
UNITS
MIN
TYP MAX
VR
Reverse Breakdown
Voltage
I
R=150µA
1.228
1.24 1.252
1
V
IMIN
Minimum Operating
Current
30
50
µA
IR
Recommended Operating
Current
0.05
5
mA
TC †
Average Reverse Breakdown
Voltage Temp. Co.
IR(min) to
IR(max)
30
90
ppm/°C
RS §
Slope Resistance
0.65 2
Ω
ZR
Reverse Dynamic
Impedance
IR =1mA
f = 100Hz
IAC=0.1 IR
0.5
1
Ω
EN
Wideband Noise Voltage
IR= 150µA
f = 100Hz to
10kHz
60
µV(rms)
†
TC =
(V
R
(max)−VR(min)) x 1000000
VR x (T(max)−T(min))
Note: VR(max) - VR(min) is the maximum
deviation in reference voltage measured
over the full operating temperature
range.
§
RS =
VR Change(IR (min) to IR (max))
IR (max) − IR (min)
4-268



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com