Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZREF12 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZREF12
Description  PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF12 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZREF12 Datasheet HTML 1Page - Zetex Semiconductors ZREF12 Datasheet HTML 2Page - Zetex Semiconductors ZREF12 Datasheet HTML 3Page - Zetex Semiconductors ZREF12 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.24
1.23
1.22
1.21
1.27
1.26
1.25
TYPICAL CHARACTERISTICS
Forward Characteristics
Forward Current (mA)
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (
µs)
Transient Response (IR=150
µµA)
110
0.1
TA=25°C
Slope Resistance v Frequency
-40
-20
0
20
40
60
80
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
1000
IR=150
µA to 5mA
0
0.5
1.0
TA=-40°C
TA=85°C
1
0.1
10
100
1000
10
100
1
0.1
0.01
01
2
3
4
0
10
0
0.5
1.0
1.5
0
10
0
0.5
1.0
1.5
02
4
6
8
Time (
µs)
Transient Response (IR=5mA)
IR=150
µA
IR=1mA
IR=5mA
INPUT
OUTPUT
58K
INPUT
OUTPUT
1K8
ZREF12
4-269



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com