Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZREF50D Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZREF50D
Description  PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF50D Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZREF50D Datasheet HTML 1Page - Zetex Semiconductors ZREF50D Datasheet HTML 2Page - Zetex Semiconductors ZREF50D Datasheet HTML 3Page - Zetex Semiconductors ZREF50D Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEVICE DESCRIPTION
The ZREF50 uses a bandgap circuit design to
achieve a precision micropower voltage
reference of 5.0 volts. The device is available
in a small outline surface mount package,
ideal for applications where space saving is
important, as well as packages for through
hole requirements.
The ZREF50 design provides a stable voltage
without an external capacitor and is stable
with capacitive loads. The ZREF50 is
recommended for operation between 50
µA
and 15mA and so is ideally suited to low
power and battery powered applications.
Excellent performance is maintained to an
absolute maximum of 25mA, however the
rugged design and 20 volt processing allows
the reference to withstand transient effects
and currents up to 200mA. Superior
switching capability allows the device to
reach stable operating conditions in only a
few microseconds.
FEATURES
• Small outline SO8 and TO92 style
packages
• No stabilising capacitor required
• Typical TC 15ppm/°C
• Typical slope resistance 0.33Ω
• 1% tolerance
• Industrial temperature range (Military
temperature range available on request)
• Operating current 50µA to 15mA
• Transient response, stable in less than
10
µs
• Alternative package options and
tolerances are available
APPLICATIONS
• Battery powered and portable
equipment.
• Metering and measurement systems.
• Instrumentation.
• Test equipment.
• Data acquisition systems.
PRECISION 5.0 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 2 - FEBRUARY 1998
ZREF50
V
R
G
nd
SCHEMATIC DIAGRAM
4-275


Similar Part No. - ZREF50D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZREF50D DIODES-ZREF50D Datasheet
78Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
More results

Similar Description - ZREF50D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-5.0 DIODES-ZR4040-5.0 Datasheet
175Kb / 4P
PRECISION 5.0 VOLT MICROPOWER
NOVEMBER 2002
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
JANUARY 1996
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
Rev Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com