Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3924 Datasheet(PDF) 39 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 39 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 35Page - Allegro MicroSystems A3924 Datasheet HTML 36Page - Allegro MicroSystems A3924 Datasheet HTML 37Page - Allegro MicroSystems A3924 Datasheet HTML 38Page - Allegro MicroSystems A3924 Datasheet HTML 39Page - Allegro MicroSystems A3924 Datasheet HTML 40Page - Allegro MicroSystems A3924 Datasheet HTML 41Page - Allegro MicroSystems A3924 Datasheet HTML 42Page - Allegro MicroSystems A3924 Datasheet HTML 43Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
39
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SERIAL REGISTER INTERFACE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0: Config 0
0
0
0
0
WR
TOC3 TOC2 TOC1 TOC0
DT5
DT4
DT3
DT2
DT1
DT0
P
1
1
1
1
1
0
0
0
0
0
1: Config 1
0
0
0
1
WR
OCT3 OCT2 OCT1 OCT0
VTL5
VTL4
VTL3
VTL2
VTL1
VTL0
P
1
0
0
1
0
1
1
0
0
0
* Power-on-reset value shown below each input register bit.
Config 0
TOC[3:0] – OVERCURRENT VERIFICATION TIME
tOCQ = n × 500 ns
where n is a positive integer defined by TOC[3:0]. For example,
for the power-on-reset condition TOC[3:0] = [1111], then tOCQ =
7.5 µs.
The range of tOCQ is 0 to 7.5 µs.
DT[5:0] – DEAD TIME
tDEAD = n × 50 ns
where n is a positive integer defined by DT[5:0]. For example,
for the power-on-reset condition DT[5:0] = [10 0000], then tDEAD
= 1.6 µs.
The range of tDEAD is 100 ns to 3.15 µs. Selecting a value of 1
or 2 will set the dead time to 100 ns. A value of zero disables the
dead time.
P – PARITY BIT
Ensures an odd number of 1s in any serial transfer.
Config 1
OCT[3:0] – OVERCURRENT THRESHOLD
VOCT = (n + 1) × 300 mV
where n is a positive integer defined by OCT[3:0]. For example,
for the power-on-reset condition OCT[3:0] = [1001], then VOCT =
3 V.
The range of VOCT is 0.3 to 4.8 V.
VTL[5:0] – LOW-SIDE VDS OVERVOLTAGE THRESHOLD
VDSTL = n × 50 mV
where n is a positive integer defined by VTL[5:0]. For example,
for the power-on-reset condition VTL[5:0] = [01 1000], then
VDSTL = 1.2 V.
The range of VDSTL is 0 to 3.15 V.
P – PARITY BIT
Ensures an odd number of 1s in any serial transfer.
Serial Register Reference*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com