Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3924 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A3924
Description  Automotive, Full-Bridge MOSFET Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3924 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A3924 Datasheet HTML 17Page - Allegro MicroSystems A3924 Datasheet HTML 18Page - Allegro MicroSystems A3924 Datasheet HTML 19Page - Allegro MicroSystems A3924 Datasheet HTML 20Page - Allegro MicroSystems A3924 Datasheet HTML 21Page - Allegro MicroSystems A3924 Datasheet HTML 22Page - Allegro MicroSystems A3924 Datasheet HTML 23Page - Allegro MicroSystems A3924 Datasheet HTML 24Page - Allegro MicroSystems A3924 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Automotive, Full-Bridge MOSFET Driver
A3924
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
DIAGNOSTIC MONITORS
Multiple diagnostic features provide three levels of fault monitor-
ing. These include critical protection for the A3924, monitors for
operational voltages and states, and detection of power bridge
and load fault conditions. All diagnostics, except for POR, serial
transfer error and overtemperature can be masked by setting the
appropriate bit in the mask registers.
Except for the two phase state outputs, the fault status is available
from two sources, the DIAG output terminal and the status and
diagnostic registers accessed through the serial interface.
DIAG Diagnostic Output
The DIAG terminal is a single diagnostic output signal that can
be programmed by setting the contents of the DG[1:0] variable
through the serial interface to provide one of three dedicated
diagnostic signals:
• DG = 0: a general fault flag
• DG = 1: a pulsed fault flag
• DG = 2: a voltage representing the temperature of the internal
silicon
• DG = 3: the sense amplifier output offset voltage
At power-up, or after a power-on-reset, the DIAG terminal
outputs a general logic-level fault flag which will be active-low
if a fault is present. This fault flag remains low while the fault is
present or if one of the latched faults has been detected and the
outputs disabled. When the general fault flag is reset the DIAG
output will be high.
The pulsed fault output option provides a continuous low-
frequency low-duty cycle pulsed output when a fault is present
or if one of the latched faults has been detected and the outputs
disabled. When the general fault flag is reset and no fault is
present, the signal output on the DIAG terminal is continuous
low-frequency, high-duty cycle pulses. The period of the DIAG
signal in pulsed mode is defined by tFP and is typically 100 ms.
The two duty cycles are defined by DFP and are typically 20%
when a fault is present and 80% when no fault is present.
t
FP
0.8 t
FP
0.2 t
FP
DIAG: No Fault
DIAG: Fault
Figure 6: DIAG – Pulsed Output Mode
The temperature output option provides access to the internal
voltage representing the surface temperature of the silicon.
The sense amplifier option provides the output offset voltage,
(VOOS) of the sense amplifier, defined by the contents of the
SAO[3:0] bits in configuration register 5.
Diagnostic Registers
The serial interface allows detailed diagnostic information to be
read from the diagnostic registers on the SDO output terminal at
any time.
A system Status register provides a summary of all faults in a
single read transaction. The Status register is always output on
SDO when any register is written.
Table 4: Diagnostic Functions
Name
Diagnostic
Level
POR
Internal logic supply undervoltage causing power-
on reset
Chip
OT
Chip junction overtemperature
Chip
SE
Serial transmission error
Chip
TW
High chip junction temperature warning
Monitor
VSO
VBB supply overvoltage (Load dump detection)
Monitor
VSU
VBB supply undervoltage
Monitor
VLO
Logic terminal overvoltage
Monitor
ETO
ENABLE watchdog timeout
Monitor
VRO
VREG output overvoltage
Monitor
VRU
VREG output undervoltage
Monitor
V3U
V3 Regulator output undervoltage
Monitor
V3O
V3 Regulator output overvoltage
Monitor
AHU
A high-side VGS undervoltage
Monitor
ALU
A low-side VGS undervoltage
Monitor
BHU
B high-side VGS undervoltage
Monitor
BLU
B low-side VGS undervoltage
Monitor
OCA
Overcurrent on phase A
Bridge
OCB
Overcurrent on phase B
Bridge
OL
Open load
Bridge
VA
Bootstrap undervoltage phase A
Bridge
VB
Bootstrap undervoltage phase B
Bridge
AHO
Phase A high-side VDS overvoltage
Bridge
ALO
Phase A low-side VDS overvoltage
Bridge
BHO
Phase B high-side VDS overvoltage
Bridge
BLO
Phase B low-side VDS overvoltage
Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com