Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5571IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571IDBVT
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  DAC5571IDBVT Datasheet HTML 1Page - Texas Instruments DAC5571IDBVT Datasheet HTML 2Page - Texas Instruments DAC5571IDBVT Datasheet HTML 3Page - Texas Instruments DAC5571IDBVT Datasheet HTML 4Page - Texas Instruments DAC5571IDBVT Datasheet HTML 5Page - Texas Instruments DAC5571IDBVT Datasheet HTML 6Page - Texas Instruments DAC5571IDBVT Datasheet HTML 7Page - Texas Instruments DAC5571IDBVT Datasheet HTML 8Page - Texas Instruments DAC5571IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
DAC5571
SLAS405 – DECEMBER 2003
TIMING CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
20
×0.1C
B
1000
ns
Rise Time of SCL Signal After a
Fast mode
20
×0.1C
B
300
ns
tRCL1
Repeated START Condition and
High-speed mode, CB - 100 pF max
10
80
ns
After an Acknowledge BIT
High-speed mode, CB - 400 pF max
20
160
ns
Standard mode
20
×0.1C
B
300
ns
Fast mode
20
×0.1C
B
300
ns
tFCL
Fall Time of SCL Signal
High-speed mode, CB - 100 pF max
10
40
ns
High-speed mode, CB - 400 pF max
20
80
ns
Standard mode
20
×0.1C
B
1000
ns
Fast mode
20
×0.1C
B
300
ns
tRDA
Rise Time of SDA Signal
High-speed mode, CB - 100 pF max
10
80
ns
High-speed mode, CB - 400 pF max
20
160
ns
Standard mode
20
×0.1C
B
300
ns
Fast mode
20
×0.1C
B
300
ns
tFDA
Fall Time of SDA Signal
High-speed mode, CB - 100 pF max
10
80
ns
High-speed mode, CB - 400 pF max
20
160
ns
Standard mode
4.0
µs
tSU; tSTO
Setup Time for STOP Condition
Fast mode
600
ns
High-speed mode
160
ns
CB
Capacitive Load for SDA and SCL
400
pF
Fast mode
50
ns
tSP
Pulse Width of Spike Suppressed
High-speed mode
10
ns
Standard mode
Noise Margin at the HIGH Level
VNH
for Each Connected Device
Fast mode
0.2VDD
V
(Including Hysteresis)
High-speed mode
Standard mode
Noise Margin at the LOW Level for
VNL
Each Connected Device
Fast mode
0.1VDD
V
(Including Hysteresis)
High-speed mode
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com