Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5571IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571IDBVT
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5571IDBVT Datasheet HTML 12Page - Texas Instruments DAC5571IDBVT Datasheet HTML 13Page - Texas Instruments DAC5571IDBVT Datasheet HTML 14Page - Texas Instruments DAC5571IDBVT Datasheet HTML 15Page - Texas Instruments DAC5571IDBVT Datasheet HTML 16Page - Texas Instruments DAC5571IDBVT Datasheet HTML 17Page - Texas Instruments DAC5571IDBVT Datasheet HTML 18Page - Texas Instruments DAC5571IDBVT Datasheet HTML 19Page - Texas Instruments DAC5571IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ti.com
DAC5571 I2C Update Sequence
DAC5571
SLAS405 – DECEMBER 2003
THEORY OF OPERATION (continued)
The DAC5571 requires a start condition, a valid I
2C address, a control-MSB byte, and an LSB byte for a single
update. After the receipt of each byte, DAC5571 acknowledges by pulling the SDA line low during the high period
of a single clock pulse. A valid I
2C address selects the DAC5571. The CTRL/MSB byte sets the operational
mode of the DAC5571, and the four most significant bits. The DAC5571 then receives the LSB byte containing
four least significant data bits followed by four don't care bits. DAC5571 performs an update on the falling edge
of the acknowledge signal that follows the LSB byte.
For the first update, DAC5571 requires a start condition, a valid I
2C address, a CTRL/MSB byte, an LSB byte.
For all consecutive updates, DAC5571 needs a CTRL/MSB byte, and an LSB byte.
Using the I
2C high-speed mode (f
scl= 3.4 MHz), the clock running at 3.4 MHz, each 8-bit DAC update other than
the first update can be done within 18 clock cycles (CTRL/MSB byte, acknowledge signal, LSB byte,
acknowledge signal), at 188.88 KSPS. Using the fast mode (fscl= 400 kHz), clock running at 400 kHz, maximum
DAC update rate is limited to 22.22 KSPS. Once a stop condition is received, DAC5571 releases the I
2C bus and
awaits a new start condition.
Address Byte
MSB
LSB
1
0
0
1
1
0
A0
0
The address byte is the first byte received following the START condition from the master device. The first six
bits (MSBs) of the address are factory preset to 100110. The next bit of the address is the device select bit A0.
The A0 address input can be connected to VDD or digital GND, or can be actively driven by TTL/CMOS logic
levels. The device address is set by the state of this pin during the power-up sequence of the DAC5571. Up to
two devices (DAC5571) can be connected to the same I
2C-Bus without requiring additional glue logic.
Broadcast Address Byte
MSB
LSB
1
0
0
1
0
0
0
0
Broadcast addressing is also supported by DAC5571. Broadcast addressing can be used for synchronously
updating or powering down multiple DAC5571 devices. Using the broadcast address, DAC5571 responds
regardless of the state of the address pin A0.
Control - Most Significant Byte
Most Significant Byte CTRL/MSB[7:0] consists of two zeros, two power-down bits, and four most significant bits
of 8-bit unsigned binary D/A conversion data.
Least Significant Byte
Least Significant Byte LSB[7:0] consists of the four least significant bits of the 8-bit unsigned binary D/A
conversion data, followed by four don't care bits. DAC5571 updates at the falling edge of the acknowledge signal
that follows the LSB[0] bit.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com