Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS70C4D Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS70C4D
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS70C4D Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS70C4D Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
回路図
Circuit drawing
LS70 Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
1.小型・薄型、高フィーリング
Compact and thin, high sensitivity
2.防塵・防水構造
Dust- and waterproof mechanism
Smartphone, mobile device
Various AV devices
3.アクチュエーター付き
Actuator equipped
・スマートフォン、携帯端末
・各種AV機器
●
製品コード
Product code
2:1.57N
4:2.35N
操作荷重
Operating force
S2
S1
S2
S1
(ø1)
S2
S1
S2
S1
2.8
2.03
3.15
極性マーク
Polarity mark
特徴 Features
用途 Application
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
10万回以上
100,000 or more
1.57N
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.15mm
1.57±0.49N
Item
(Ta 25℃)
アクチュエーター付き
With actuator
D
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
-
LS 70 C
単位 Unit : mm
2.35N
2.35±0.59N
包装数量:5,000個×2リール(φ180mm)Loaded quantity:5,000 pcs.×2 reels(φ180mm)
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
シリーズ名
Series
上面押しタイプ Top-press type


Similar Part No. - LS70C4D

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LS701P YORKVILLE-LS701P Datasheet
184Kb / 2P
Powered Series
logo
LSI Computer Systems
LS7030 LSI-LS7030 Datasheet
66Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7030 LSI-LS7030_03 Datasheet
68Kb / 4P
8 DECADE MULTIPLEXED COUNTER
LS7031 LSI-LS7031 Datasheet
47Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
LS7031 LSI-LS7031_03 Datasheet
70Kb / 4P
6 DECADE MOS UP COUNTER WITH 8 DECADE LATCH AND MULTIPLEXER
More results

Similar Description - LS70C4D

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS55 CITIZEN-LS55 Datasheet
435Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com