Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS730 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS730 Datasheet HTML 1Page - Allegro MicroSystems ACS730 Datasheet HTML 2Page - Allegro MicroSystems ACS730 Datasheet HTML 3Page - Allegro MicroSystems ACS730 Datasheet HTML 4Page - Allegro MicroSystems ACS730 Datasheet HTML 5Page - Allegro MicroSystems ACS730 Datasheet HTML 6Page - Allegro MicroSystems ACS730 Datasheet HTML 7Page - Allegro MicroSystems ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
The Allegro™ ACS730 current sensor family provides
economical and precise solutions forAC or DC current sensing
in industrial, commercial, and communications systems. The
devicepackageallowsforeasyimplementationbythecustomer.
Typical applications include motor control, load detection and
management, switched-mode power supplies, and overcurrent
fault protection.
The device consists of a precise, low-offset, linear Hall
sensor circuit with a copper conduction path located near the
surface of the die.Applied current flowing through this copper
conduction path generates a magnetic field which is sensed by
theintegratedHallICandconvertedintoaproportionalvoltage.
Deviceaccuracyisoptimizedthroughthecloseproximityofthe
magnetic field to the Hall transducer. A precise, proportional
voltage is provided by the Hall IC, which is programmed
for accuracy after packaging. The output of the device has a
positive slope when an increasing current flows through the
primary copper conduction path (from pins 1 and 2, to pins 3
and 4), which is the path used for current sensing. The internal
resistanceofthisconductivepathistypically1.2mΩ,providing
low power loss.
The terminals of the conductive path are electrically isolated
from the sensor leads (pins 5 through 8). This allows the
ACS730 current sensor to be used in high-side current sense
applicationswithouttheuseofhigh-sidedifferentialamplifiers
or other costly isolation techniques.
TheACS730 is provided in a small, low-profile surface-mount
SOIC8 package. The leadframe is plated with 100% matte tin,
which is compatible with standard lead (Pb) free printed circuit
board assembly processes. Internally, the device is Pb-free,
except for flip-chip high-temperature Pb-based solder balls,
currently exempt from RoHS. The device is fully calibrated
prior to shipment from the factory.
ACS730-DS
• Industry-leading noise performance with greatly
improved bandwidth through proprietary amplifier and
filter design techniques
• High bandwidth 1 MHz analog output
• Patented integrated digital temperature compensation
circuitry allows high accuracy over temperature in an
open loop sensor
• 1.2 mΩ primary conductor resistance for low power loss
and high inrush current withstanding capability
• Small footprint, low-profile SOIC8 package suitable for
space-constrained applications
• Integrated shield virtually eliminates capacitive coupling
from current conductor to die due to high dV/dt voltage
transients
• 5 V, single supply operation
• Output voltage proportional to AC or DC current
• Factory-trimmed sensitivity and quiescent output voltage
for improved accuracy
• High PSRR for noisy environments
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
Typical Application
The ACS730 outputs an
analog signal, VIOUT, that
varies linearly with the
bidirectional AC or DC
primary sensed current,
IP, within the range speci-
fied.
FEATURES AND BENEFITS
DESCRIPTION
Package: 8-Pin SOIC (suffix LC)
Not to scale
ACS730
CBYPASS
0.1 µF
ACS730
IP
1
2
3
4
IP+
IP+
IP–
IP–
VCC
VIOUT
VZCR
GND
8
7
6
5
CVZCR
1 nF


Similar Part No. - ACS730

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-20AB-T ALLEGRO-ACS732KLATR-20AB-T Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-40AB-T ALLEGRO-ACS732KLATR-40AB-T Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-65AB-T ALLEGRO-ACS732KLATR-65AB-T Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732KLATR-65AU-T ALLEGRO-ACS732KLATR-65AU-T Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
More results

Similar Description - ACS730

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com