Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS730 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS730 Datasheet HTML 1Page - Allegro MicroSystems ACS730 Datasheet HTML 2Page - Allegro MicroSystems ACS730 Datasheet HTML 3Page - Allegro MicroSystems ACS730 Datasheet HTML 4Page - Allegro MicroSystems ACS730 Datasheet HTML 5Page - Allegro MicroSystems ACS730 Datasheet HTML 6Page - Allegro MicroSystems ACS730 Datasheet HTML 7Page - Allegro MicroSystems ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SELECTION GUIDE
Part Number
Optimized
Range, IP
(A)
Sensitivity1,
Sens(Typ)
(mV/A)
TA
(°C)
Packing2
ACS730KLCTR-20AB-T
±20
100
–40 to 125
Tape and reel, 3000 pieces per reel
ACS730KLCTR-40AB-T
±40
50
ACS730KLCTR-50AB-T
±50
40
1
Measured at VCC = 5 V
2
Contact Allegro for additional packing options.
Thermal Characteristics
Characteristic
Symbol
Test Conditions3
Value
Units
Package Thermal Resistance
(Junction to Ambient)
RθJA
Mounted on the Allegro 85-xxxx evaluation board with
1500 mm2 of 2 oz. copper on each side, connected to pins 1
and 2, and to pins 3 and 4, with thermal vias connecting the
layers. Performance values include the power consumed by
the PCB.4
23
°C/W
Package Thermal Resistance
(Junction to Lead)
RθJL
Mounted on the Allegro ASEK722 evaluation board.
5
°C/W
3
Additional thermal information available on the Allegro website.
4
Further details on the board are available from the Frequently Asked Questions document on our website. Further information about board design and thermal performance
also can be found in the Applications Information section of this datasheet.
Isolation Characteristics1
Characteristic
Symbol
Notes
Value
Units
Dielectric Strength Test Voltage
VISO
Agency type-tested for 60 seconds per UL 60950-1
(edition 2); production-tested at 1500 VRMS for 1 second,
in accordance with UL 60950-1 (edition 2)
2400
VRMS
Working Voltage for Basic Isolation
VWVBI
Maximum approved working voltage for basic (single)
isolation according to UL 60950-1 (edition 2)
210 (2)
VPK or VDC
150
VRMS
Clearance
Dcl
Minimum distance through air from IP leads to signal leads
1.6
mm
Creepage
Dcr
Minimum distance along package body from IP leads to
signal leads
1.6
mm
1
Pending UL certification.
2
Higher working voltages, up to 420 Vpk/Vdc and 297 Vrms are possible if the tie-bars on the side of the package are conformal-coated, effectively increasing the creepage
and clearance of the package to around 3.9 mm.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
6
V
Reverse Output Voltage
VRIOUT
–0.1
V
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com