Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS616
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS616 Datasheet HTML 1Page - Allegro MicroSystems ATS616 Datasheet HTML 2Page - Allegro MicroSystems ATS616 Datasheet HTML 3Page - Allegro MicroSystems ATS616 Datasheet HTML 4Page - Allegro MicroSystems ATS616 Datasheet HTML 5Page - Allegro MicroSystems ATS616 Datasheet HTML 6Page - Allegro MicroSystems ATS616 Datasheet HTML 7Page - Allegro MicroSystems ATS616 Datasheet HTML 8Page - Allegro MicroSystems ATS616 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
REFERENCE TARGET 60+2
Characteristics
Symbol
Test Conditions
Typ.
Unit
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
tV
Ø
DO
ht
F
Branded Face
of Package
Air Gap
Face Width
F
Breadth of tooth, with respect
to branded face
6mm
Circular Tooth Length
t
Length of tooth, with respect to
branded face; measured at Do
3mm
Signature Region Cir-
cular Tooth Length
tSIG
Length of signature tooth,
with respect to branded face;
measured at Do
15
mm
Circular Valley Length
tv
Length of valley, with respect
to branded face; measured
at Do
3mm
Tooth Whole Depth
ht
3mm
–
–
l
e
e
t
S
n
o
b
r
a
C
w
o
L
l
a
ir
e
t
a
M
Reference Target
Signature Region
60+2
of Package
Branded Face
Pin 4
Pin 1
Reference Target (Gear) Information
For the generation of adequate magnetic field levels, the fol-
lowing recommendations should be followed in the design and
specification of targets:
• 2 mm < tooth width, t < 4 mm
• Valley width, tv > 2 mm
• Valley depth, ht > 2 mm
• Tooth thickness, F ≥ 3 mm
• Target material must be low carbon steel
Although these parameters apply to targets of traditional
geometry (radially oriented teeth with radial sensing, shown in
figure 1), they also can be applied in applications using stamped
targets (an aperture or rim gap punched out of the target mate-
rial) and axial sensing. For stamped geometries with axial sens-
ing, the valley depth, ht, is intrinsically infinite, so the criteria for
tooth width, t, valley width, tv, tooth material thickness, F, and
material specification need only be considered for reference. For
example, F can now be < 3 mm.
Figure 1. Configuration with Radial-Tooth Reference Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com