Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS616
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS616 Datasheet HTML 1Page - Allegro MicroSystems ATS616 Datasheet HTML 2Page - Allegro MicroSystems ATS616 Datasheet HTML 3Page - Allegro MicroSystems ATS616 Datasheet HTML 4Page - Allegro MicroSystems ATS616 Datasheet HTML 5Page - Allegro MicroSystems ATS616 Datasheet HTML 6Page - Allegro MicroSystems ATS616 Datasheet HTML 7Page - Allegro MicroSystems ATS616 Datasheet HTML 8Page - Allegro MicroSystems ATS616 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS over operating voltage and temperature range, unless otherwise noted
Characteristic
Symbol Test Condition
Min.
Typ.1
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage2
VCC
Operating, TJ < 165C
3.5
–
24
V
Power-On State
POS
VCC = 0 → 5 V
–
HIGH
–
V
Undervoltage Lockout Threshold
VCC(UV) VCC = 0 → 5 V; VCC = 5 → 0 V
–
–
3.5
V
Output On Voltage
VOUT(SAT) IOUT = 20 mA
–
200
400
mV
Supply Zener Clamp Voltage
VZsupply ICC = 16 mA, TA = 25°C
28
–
–
V
Output Zener Clamp Voltage
VZoutput IOUT = 3 mA, TA = 25°C
30
–
–
V
Supply Zener Current
IZsupply
VS = 28 V
–
–
15
mA
Output Zener Current
IZoutput
VOUT = 30 V
–
–
3
mA
Output Current Limit
IOUTM
VOUT = 12 V
25
45
55
mA
Output Leakage Current
IOUTOFF VOUT = 24 V
–
–
15
μA
Supply Current
ICC
VCC > VCC(min)
3
6
12
mA
Power-On Time
tPO
VCC > 5 V
–
80
500
μs
Output Rise Time3
tr
RLOAD = 500 Ω, CS = 10 pF
–
0.3
5.0
μs
Output Fall Time3
tf
RLOAD = 500 Ω, CS = 10 pF
–
0.2
5.0
μs
PERFORMANCE CHARACTERISTICS
Operating Air Gap Range
AG
Operating within specification, Target Speed > 10 rpm
0.4
–
2.5
mm
Operating Magnetic Flux Density
Differential4
BAG(p-p) Operating within specification, Target Speed > 10 rpm
60
–
–
G
Operating Frequency
ƒ
10
–
10 000
Hz
Initial Calibration Cycle5
ncal
Output edges before calibration is completed, at fsig<100Hz
1
1
1
Edge
Calibration Mode Disable
ndis
Output falling edges for startup calibration to be complete
64
64
64
Edge
Relative Timing Accuracy, Sequential
Eθ
Target Speed = 1000 rpm, BAG(p-p) > 100 G
–
±0.5
±0.75

Target Speed = 1000 rpm, BAG(p-p) > 60 G
–
–
±1.5

Allowable User Induced Differential Offset4
∆BApp
Output switching only; may not meet data sheet specifica-
tions
–
–
±50
G
1Typical data is at VCC = 8 V and TA = 25°C. Performance may vary for individual units, within the specified maximum and minimum limits.
2 Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3 CS is the probe capacitance of the oscilloscope used to make the measurement.
4 10 G = 1 mT (millitesla), exactly.
5Non-uniform magnetic profiles may require additional edges before calibration is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com