Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS675 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS675 Datasheet HTML 1Page - Allegro MicroSystems ATS675 Datasheet HTML 2Page - Allegro MicroSystems ATS675 Datasheet HTML 3Page - Allegro MicroSystems ATS675 Datasheet HTML 4Page - Allegro MicroSystems ATS675 Datasheet HTML 5Page - Allegro MicroSystems ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The ATS675 is a next generation member of the Allegro® True
Power-On State (TPOS) sensor IC family, offering improved
accuracy compared to prior generations, and performing at
absolutely zero target speed. An output polarity option allows
customization for specific applications.
The device incorporates a single Hall-element IC with an
optimized custom magnetic circuit that switches in response to
magnetic signals. The resulting output of the device is a digital
representation of a ferromagnetic target profile.
The IC contains a sophisticated digital circuit designed to
eliminatethedetrimentaleffectsofmagneticandsystemoffsets.
Signal processing is used to provide target state recognition
at zero rotational speed, consistent switchpoints regardless
of air gap, and dynamically adapt device performance to the
typical operating conditions found in automotive environments,
particularly cam sensing applications.
High-resolution peak-detecting DACs are used to set the
adaptive switching thresholds of the device. The ATS675 also
includes a filter that increases the noise immunity and the
signal-to-noise ratio of the IC.
The device is provided in a 4-pin SIP package (SE) that is lead
(Pb) free with 100% matte tin leadframe plating.
ATS675LSE-DS, Rev. 2
Features and Benefits
▪ Optimized for automotive camshaft sensing
▪ True target state recognition at device power-on (TPOS)
and at zero target speed
▪ Chopper stabilization reduces offset drift
▪ Digital output polarity option: follow or invert target profile
▪ Rapid calibration and transition to Running mode
▪ Automatic Gain Control (AGC) during calibration
eliminates effects of air gap variations
▪ Tight timing accuracy over full operating
temperature range
▪ Operation at supply voltages as low as 3.3 V
▪ Undervoltage lockout (UVLO)
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
Package: 4-pin SIP (suffix SE)
Typical Application
Not to scale
ATS675LSE
Figure 1. Operational circuit for the ATS675
RPU
VS
ATS675
CBYPASS
0.1 μF
VCC
OUT
GND
TEST
Recommended
1
2
4
3
Output
CL
VPU
A
A


Similar Part No. - ATS675

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS675LSE ALLEGRO-ATS675LSE Datasheet
477Kb / 13P
Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
ATS675LSETN-HT-T ALLEGRO-ATS675LSETN-HT-T Datasheet
477Kb / 13P
Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
ATS675LSETN-LT-T ALLEGRO-ATS675LSETN-LT-T Datasheet
477Kb / 13P
Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
More results

Similar Description - ATS675

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS673 ALLEGRO-ATS673 Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 ALLEGRO-ATS673_06 Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS675LSE ALLEGRO-ATS675LSE Datasheet
477Kb / 13P
Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
A16311 ALLEGRO-A16311 Datasheet
759Kb / 12P
Self-Calibrating Automatic-TPOS Camshaft Speed Sensor IC
ATS16301 ALLEGRO-ATS16301 Datasheet
694Kb / 13P
Self-Calibrating Automatic-TPOS Camshaft Speed Sensor IC
August 13, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com