Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS675 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS675 Datasheet HTML 1Page - Allegro MicroSystems ATS675 Datasheet HTML 2Page - Allegro MicroSystems ATS675 Datasheet HTML 3Page - Allegro MicroSystems ATS675 Datasheet HTML 4Page - Allegro MicroSystems ATS675 Datasheet HTML 5Page - Allegro MicroSystems ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Output Protocol
Packing*
ATS675LSETN-LT-T
Output low opposite target tooth
13-in. reel, 450 pieces per reel
ATS675LSETN-HT-T
Output high opposite target tooth
*Contact Allegro for additional packing options
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating curve
28
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Output Voltage
VROUT
–0.5
V
Reverse Supply Current
IRCC
–50
mA
Output Current
IOUT(sink)
Internal current limiting is intended to protect
the device from output short circuits, but is not
intended for continuous operation.
30
mA
Reverse Output Current
IROUT
–50
mA
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com