Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS682
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS682 Datasheet HTML 1Page - Allegro MicroSystems ATS682 Datasheet HTML 2Page - Allegro MicroSystems ATS682 Datasheet HTML 3Page - Allegro MicroSystems ATS682 Datasheet HTML 4Page - Allegro MicroSystems ATS682 Datasheet HTML 5Page - Allegro MicroSystems ATS682 Datasheet HTML 6Page - Allegro MicroSystems ATS682 Datasheet HTML 7Page - Allegro MicroSystems ATS682 Datasheet HTML 8Page - Allegro MicroSystems ATS682 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating curve
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Pin-out Diagram
Terminal List
Number
Name
Function
1
VCC
Connects power supply to chip
2
NC
No connection
3
TEST
Test (float or tie to ground)
4
GND
Ground terminal
24
3
1
Selection Guide
Part Number
Packing*
ATS682LSHTN-T
800 pieces per 13-in. reel
*Contact Allegro™ for additional packing options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com