Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS682
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS682 Datasheet HTML 1Page - Allegro MicroSystems ATS682 Datasheet HTML 2Page - Allegro MicroSystems ATS682 Datasheet HTML 3Page - Allegro MicroSystems ATS682 Datasheet HTML 4Page - Allegro MicroSystems ATS682 Datasheet HTML 5Page - Allegro MicroSystems ATS682 Datasheet HTML 6Page - Allegro MicroSystems ATS682 Datasheet HTML 7Page - Allegro MicroSystems ATS682 Datasheet HTML 8Page - Allegro MicroSystems ATS682 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPERATING CHARACTERISTICS Valid at VCC and TA within specification; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Electrical Characteristics
Supply Voltage3
VCC
Operating, TJ<TJ(max)
4.0
–
24
V
Undervoltage Lockout
VCCUV
VCC = 0 → 5 V or 5 → 0 V
–
–
3.95
V
Supply Zener Clamp Voltage
VZ
ICC = ICC(max) + 3 mA, TA = 25°C
28
–
–
V
Supply Zener Current
IZ
TA = 25°C, VS = 28 V
–
–
19.8
mA
Supply Current
ICC(LOW)
5.0
7
8.4
mA
ICC(HIGH)
11.8
14
16.8
mA
Supply Current Ratio
ICC(HIGH)/
ICC(LOW)
Measured as ratio of high current to low current
1.9
–
–
–
Reverse Battery Current4
IRCC
VRCC = –18 V
–
–
–5
mA
Power-On State Characteristics
Power-On Time5
tPO
VCC > VCC(min), fOP < 100 Hz
–
1
2
ms
Power-On State6
POS
t > tPO
–ICC(HIGH)
––
Output Stage
Output Slew Rate7,8
dI/dt
RSENSE = 100 Ω, CLOAD = 10 pF, no CBYP
(see figure 7)
–
14
–
mA/μs
Performance Characteristics
Operating Frequency9
fOP
0
–
8000
Hz
Analog Signal Bandwidth
BW
20
40
–
kHz
Operate Point
BOP
Magnitude (see figure 6)
–
120
–
mV
Release Point
BRP
Magnitude (see figure 6)
–
120
–
mV
Calibration
Initial Calibration
CALI
Quantity of rising output (current) edges
required for accurate edge detection; edge
accuracy not guaranteed during initial
calibration.
–
–
3
edge
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com