Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA660AP Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 2 Page - Texas Instruments

  OPA660AP Datasheet HTML 1Page - Texas Instruments OPA660AP Datasheet HTML 2Page - Texas Instruments OPA660AP Datasheet HTML 3Page - Texas Instruments OPA660AP Datasheet HTML 4Page - Texas Instruments OPA660AP Datasheet HTML 5Page - Texas Instruments OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
®
OPA660
SPECIFICATIONS
Typical at IQ = 20mA, VS = ±5V, TA = +25°C, and RL = 500Ω, unless otherwise specified.
OPA660AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OTA TRANSCONDUCTANCE
Transconductance
VC = 0V
75
125
200
mA/V
OTA INPUT OFFSET VOLTAGE
VB = 0
Initial
+10
±30
mV
vs Temperature
50
µV/°C
vs Supply (tracking)
VS = ±4.5V to ±5.5V
55
60
dB
vs Supply (non-tracking)
V+ = 4.5V to 5.5V
40
45
dB
vs Supply (non-tracking)
V– = –4.5V to –5.5V
40
48
dB
OTA B-INPUT BIAS CURRENT
Initial
–2.1
±5
µA
vs Temperature
5
nA/
°C
vs Supply (tracking)
VS = ±4.5V to ±5.5V
±750
nA/V
vs Supply (non-tracking)
V+ = 4.5V to 5.5V
±1500
nA/V
vs Supply (non-tracking)
V– = –4.5V to –5.5V
±500
nA/V
OTA OUTPUT BIAS CURRENT
Output Bias Current
VB = 0, VC = 0V
±10
±20
µA
vs Temperature
500
nA/
°C
vs Supply (tracking)
VS = ±4.5V to ±5.5V
±10
±25
µA/V
vs Supply (non-tracking)
V+ = 4.5V to 5.5V
±10
±25
µA/V
vs Supply (non-tracking)
V– = –4.5V to –5.5V
±10
±25
µA/V
OTA OUTPUT
Output Current
±10
±15
mA
Output Voltage Compliance
IC = ±1mA
±4.0
±4.7
V
Output Impedance
25k || 4.2
Ω || pF
Open-Loop Gain
f = 1kHz
70
dB
BUFFER OFFSET VOLTAGE
Initial
+7
±30
mV
vs Temperature
50
µV/°C
vs Supply (tracking)
VS = ±4.5V to ±5.5V
55
60
dB
vs Supply (non-tracking)
V+ = 4.5V to 5.5V
40
45
dB
vs Supply (non-tracking)
V– = –4.5V to –5.5V
40
48
dB
BUFFER INPUT BIAS CURRENT
Initial
–2.1
±5
µA
vs Temperature
5
nA/
°C
vs Supply (tracking)
VS = ±4.5V to ±5.5V
±750
nA/V
vs Supply (non-tracking)
V+ = 4.5V to 5.5V
±1500
nA/V
vs Supply (non-tracking)
V– = –4.5V to –5.5V
±500
nA/V
BUFFER and OTA INPUT IMPEDANCE
Input Impedance
1.0 || 2.1
M
Ω || pF
BUFFER INPUT NOISE
Voltage Noise Density, f = 100kHz
4
nV/
√Hz
BUFFER DYNAMIC RESPONSE
Small Signal Bandwidth
VO = ±100mV
850
MHz
Full Power Bandwidth
VO = ±1.4V
800
MHz
VO = ±2.5V
570
MHz
Differential Gain Error
3.58MHz, at 0.7V
0.06
%
Differential Phase Error
3.58MHz, at 0.7V
0.02
Degrees
Harmonic Distortion, 2nd Harmonic
f = 10MHz, VO = 0.5Vp-p
–68
dBc
Slew Rate
5V Step
3000
V/
µs
Settling Time 0.1%
2V Step
25
ns
Rise Time (10% to 90%)
VO = 100mVp-p
1
ns
5V Step
1.5
ns
Group Delay Time
250
ps
BUFFER RATED OUTPUT
Voltage Output
IO = ±1mA
±3.7
±4.2
V
Current Output
±10
±15
mA
Gain
RL = 500Ω
0.96
0.975
V/V
RL = 5kΩ
0.99
V/V
Output Impedance
7 || 2
Ω || pF
POWER SUPPLY
Voltage, Rated
±5V
Derated Performance
±4.5
±5.5
V
Quiescent Current (Programmable, Useful Range)
±3 to ±26
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com