Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA660AP Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 9Page - Texas Instruments OPA660AP Datasheet HTML 10Page - Texas Instruments OPA660AP Datasheet HTML 11Page - Texas Instruments OPA660AP Datasheet HTML 12Page - Texas Instruments OPA660AP Datasheet HTML 13Page - Texas Instruments OPA660AP Datasheet HTML 14Page - Texas Instruments OPA660AP Datasheet HTML 15Page - Texas Instruments OPA660AP Datasheet HTML 16Page - Texas Instruments OPA660AP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
®
OPA660
FIGURE 14. Comparator (Low Jitter).
FIGURE 15. High Speed Current Driver.
OTA
B
E
C
3
8
2
180
Ω
V
I
OTA
B
E
C
3
8
2
180
Ω
I
O1
I
O1
R
E
50
Ω
R
E
50
Ω
I
O = IO1 + IO2
Diode
22
Ω
1k
Ω
Q
1
Q
2
22
Ω
+5V
Q
1, Q2: 2N3906
+I
B
R
2
100
Ω
V
I
+1
5
6
OTA
R
3
100
Ω
5
BUF600
1
–5V
+5V
R
1
100
Ω R
C5
150
Ω
3
2
R
4
150
Ω
4
R
5
47
Ω
C
3
2.2µF
V
O
C
3
4
7
–5V
+5V
R
Q
250
Ω
C
3
2.2µF
R
8
27k
Ω
C
8
D
1
D
2
0.5...2.5pF
R
6
47k
Ω
R
2
10k
Ω
+5V
–5V
Offset
Trim
8
1
DMF3068A
Propagation Delay Time = 5ns
Rise Time = 1.5ns
2.2µF
C
3
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com